Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3390 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3390
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3390 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3390 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3390 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP3390
LP3390 Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 1 of 8
High Performance, Constant Current Switching for White LED
and Boost Convertor
General Description
The LP3390 is designed for constant- current white
LED driver applications. It can drive a string of up to
8 white LED from a 3.3V supply or 3S9P white LED
from a 5V supply in series. To improve efficiency, the
feedback voltage is set to 200mV, which reduces the
power dissipation in the current setting resistor.
LP3390 also has constant-voltage boost applications
and FB voltage is 1250mV. LP3390 implements a
constant frequency 1.2MHz PWM control scheme.
The high frequency PWM operation also saves board
space by reducing external component sizes.
Optimized operation frequency can meet the
requirement of small LC filters value and low
operation current with high efficiency.
Order Information
LP3390 □ □
□
F: Pb-Free
Package Type
QV:SQVF
Pin Configurations
Features
High Efficiency: 95%
1.2MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 30V
Operating Range : 2.7V to 6V
Shutdown Supply Current:<1uA
Available in SOT23-6 Package
Minimize the External Component.
RoHS Compliant and 100% Lead (Pb)-Free
Applications
WLED Backlight driver
Panel Bias Voltage supply
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP3390QVF LPS
LP3390
xxxx
QV:SQVF
3K/reel


Similar Part No. - LP3390

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Texas Instruments
LP339 TI-LP339 Datasheet
257Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
LP339 TI1-LP339 Datasheet
274Kb / 15P
Ultra-Low Power Quad Comparator
LP339 TI2-LP339 Datasheet
482Kb / 15P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
REVISED SEPTEMBER 2004
More results

Similar Description - LP3390

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com