Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A101Q Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A101Q Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A101Q
Download  PI5A101Q Download
File Size   446.77 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide-Bandwidth Analog Switch

PI5A101Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A101Q Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A101Q
Download  PI5A101Q Click to download

File Size   446.77 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide-Bandwidth Analog Switch

PI5A101Q Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A101Q Product details

Description
Pericom Semiconductos PI5A101 is an all-purpose analog switch designed for single-supply operation from +2V to +6V. This switch is ideal for audio, video, and data switching and routing.
The PI5A101 is a quad SPST (single-pole, single-throw) NC (normally closed) function.
When on, each switch conducts current equally well in either direction. When off, they block voltages up to the powersupply rails.

Features
• Rail-To-Rail operation
• Pin-compatible with 3125 Bus Switch & 74 series 125
• Single-Supply operation: 2V to 6V
• Low On-Resistance: 8Ω typical @ 5V
• Tight match between channels: 0.9Ω typical
• RON flatness: 3Ω typical
• Low power consumption: 0.5µ-ohm typical
• High Speed, TON = 8ns typical
• High-current channel capability: >100mA
• Wide bandwidth: >200 MHz
• Packaging (Pb-free & Green available):
    -14-pin SOIC (W)
    -16-pin QSOP (Q)

Applications
• Instrumentation, ATE
• Audio Switching and Routing
• Telecommunications Systems
• Data Communications
• Battery-Powered Systems
• Replaces Mechanical Relays




Similar Part No. - PI5A101Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results


Similar Description - PI5A101Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
Wide bandwidth analog switch IC
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
Single Wide Bandwidth Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
Precision Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com