Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A317A Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A317A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A317A
Download  PI5A317A Download
File Size   237.23 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide Bandwidth Analog Switches

PI5A317A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A317A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A317A
Download  PI5A317A Click to download

File Size   237.23 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide Bandwidth Analog Switches

PI5A317A Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A317A Product details

Description
The PI5A317A/381A/319A are analog switches designed for single supply operation. These high-precision device is ideal for low distortion audio, video, signal switching and routing.

Features
• Single-Supply Operation (+2V to +6V)
• Rail-to-Rail Analog Signal Dynamic Range
• Low On-Resistance (6Ω typ with 5V supply) Minimizes Distortion and Error Voltages
• On-Resistance Matching Channels, 0.8Ω typ
• On-Resistance Flatness, 3Ω typ
• Low Charge Injection Reduces Glitch Errors. Q = 4pC typ
• Replaces Mechanical Relays
• High Speed. tON= 10ns typ
• Low Off-Isolation: -72dB@1MHz
• Wide -3dB Bandwidth: 170 MHz
• High-Current Channel Capability: >100mA
• TTL/CMOS Logic Compatible
• Low Power Consumption (0.5µW typ)
• Pin-compatible with DG41X, MAX31X

Applications
• Audio, Video Switching and Routing
• Battery-Powered Communication Systems
• Computer Peripherals
• Telecommunications
• Portable Instrumentation




Similar Part No. - PI5A317A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Similar Description - PI5A317A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
Wide Bandwidth Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
Precision Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com