Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2811 Datasheet (PDF) - Analog Devices

ADN2811 Datasheet PDF - Analog Devices
Part # ADN2811
Download  ADN2811 Download
File Size   359.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp

ADN2811 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2811 Datasheet PDF - Analog Devices

Part # ADN2811
Download  ADN2811 Click to download

File Size   359.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp

ADN2811 Datasheet (HTML) - Analog Devices


ADN2811 Product details

PRODUCT DESCRIPTION
The ADN2811 provides the receiver functions of quantization, signal level detect, and clock and data recovery at OC-48 and OC-48 FEC rates. All SONET jitter requirements are met, including jitter transfer, jitter generation, and jitter tolerance. All specifications are quoted for −40°C to +85°C ambient temperature, unless otherwise noted.

FEATURES
   Meets SONET requirements for jitter transfer/generation/
      tolerance
   Quantizer sensitivity: 4 mV typical
   Adjustable slice level: ±100 mV
      1.9 GHz minimum bandwidth
      Patented clock recovery architecture
   Loss of signal detect range: 3 mV to 15 mV
   Single reference clock frequency for both native SONET and
      15/14 (7%) wrapper rate
   Choice of 19.44 MHz, 38.88 MHz, 77.76 MHz, or 155.52 MHz
      REFCLK
   LVPECL/LVDS/LVCMOS/LVTTL compatible inputs
      (LVPECL/LVDS only at 155.52 MHz)
   19.44 MHz on-chip oscillator to be used with external crystal
   Loss of lock indicator
   Loopback mode for high speed test data
   Output squelch and bypass features
   Single-supply operation: 3.3 V
   Low power: 540 mW typical
   7 mm × 7 mm, 48-lead LFCSP

APPLICATIONS
   SONET OC-48, SDH STM-16, and 15/14 FEC
   WDM transponders
   Regenerators/repeaters
   Test equipment
   Backplane applications




Similar Part No. - ADN2811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
485Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811 Datasheet
340Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery
Rev. C
ADN2811ACPZ-CML AD-ADN2811ACPZ-CML Datasheet
340Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery
Rev. C
ADN2811ACPZ-CML-RL AD-ADN2811ACPZ-CML-RL Datasheet
340Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery
Rev. C
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results


Similar Description - ADN2811

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T929 IDT-IDT5T929 Datasheet
60Kb / 8P
PRECISION CLOCK GENERATOR OC-48 APPLICATIONS
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
Applied Micro Circuits ...
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5018 SILABS-SI5018 Datasheet
211Kb / 22P
SiPHY??OC-48/STM-16 CLOCK AND DATA RECOVERY IC WITH FEC
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
SONET OC-48 Transceiver
logo
OPLINK Communications I...
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
OC-48/STM-16 Receiver with Clock Recovery
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
OC-48/STM-16 Receiver without Clock Recovery
logo
Analog Devices
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com