Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2811 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
ADN2811
FUNCTIONAL DESCRIPTION
Clock and Data Recovery
The ADN2811 will recover clock and data from serial bit streams
at OC-48 as well as the 15/14 FEC rates. The data rate is selected
by the RATE input (see Table I).
Table I. Data Rate Selection
RATE
Data Rate
Frequency (MHz)
0
OC-48
2488.32
1
OC-48 FEC
2666.06
Limiting Amplifier
The limiting amplifier has differential inputs (PIN/NIN) that are
internally terminated with 50
Ω to an on-chip voltage reference
(VREF = 0.6 V typically). These inputs are normally ac-coupled,
although dc-coupling is possible as long as the input common-mode
voltage remains above 0.4 V (see Figures 20–22). Input offset is
factory trimmed to achieve better than 4 mV typical sensitivity
with minimal drift. The limiting amplifier can be driven
differentially or single-ended.
Slice Adjust
The quantizer slicing level can be offset by
± 100 mV to mitigate
the effect of ASE (amplified spontaneous emission) noise by
applying a differential voltage input of
± 0.8 V to SLICEP/N
inputs. If no adjustment of the slice level is needed, SLICEP/N
should be tied to VCC.
Loss of Signal (LOS) Detector
The receiver front end level signal detect circuit indicates when
the input signal level has fallen below a user adjustable threshold.
The threshold is set with a single external resistor from Pin 1,
THRADJ, to GND. The LOS comparator trip point versus the
resistor value is illustrated in Figure 2 (this is only valid for
SLICEP = SLICEN = VCC). If the input level to the ADN2811
drops below the programmed LOS threshold, SDOUT (Pin 45)
will indicate the loss of signal condition with a Logic 1. The LOS
response time is ~300 ns by design but will be dominated by the
RC time constant in ac-coupled applications.
If the LOS detector is used, the quantizer slice adjust pins must
both be tied to VCC. This is to avoid interaction with the LOS
threshold level.
Note that it is not expected to use both LOS and slice adjust at
the same time; systems with optical amplifiers need the slice
adjust to evade ASE. However, a loss of signal in an optical link
that uses optical amplifiers causes the optical amplifier output to
be full-scale noise. Under this condition, the LOS would not
detect the failure. In this case, the loss of lock signal will indi-
cate the failure because the CDR circuitry will not be able to
lock onto a signal that is full-scale noise.
Reference Clock
There are three options for providing the reference frequency to
the ADN2811: differential clock, single-ended clock, or crystal
oscillator. See Figures 12–14 for example configurations.
The ADN2811 can accept any of the following reference clock
frequencies: 19.44 MHz, 38.88 MHz, 77.76 MHz at LVTTL/
LVCMOS/LVPECL/LVDS levels or 155.52 MHz at LVPECL/
LVDS levels via the REFCLKN/P inputs, independent of data
rate. The input buffer accepts any differential signal with a
peak-to-peak differential amplitude of greater than 100 mV
(e.g., LVPECL or LVDS) or a standard single-ended low volt-
age TTL input, providing maximum system flexibility. The
appropriate division ratio can be selected using the REFSEL0/1
pins, according to Table II. Phase noise and duty cycle of the
reference clock are not critical and 100 ppm accuracy is sufficient.
100k
100k
BUFFER
ADN2811
VCC/2
REFCLKN
REFCLKP
CRYSTAL
OSCILLATOR
XO1
XO2
VCC
VCC
VCC
REFSEL
Figure 12. Differential REFCLK Configuration
OUT
100k
100k
BUFFER
ADN2811
VCC/2
REFCLKP
CRYSTAL
OSCILLATOR
XO1
XO2
VCC
VCC
VCC
REFSEL
CLK
OSC
VCC
REFCLKN
NC
Figure 13. Single-Ended REFCLK Configuration
100k
100k
BUFFER
ADN2811
VCC/2
REFCLKN
REFCLKP
CRYSTAL
OSCILLATOR
XO1
XO2
REFSEL
NC
19.44MHz
VCC
Figure 14. Crystal Oscillator Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com