Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2811 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices ADN2811 Datasheet HTML 15Page - Analog Devices ADN2811 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
ADN2811
–13–
ADN2811
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
48 47 46 45 44 43 42 41 40 39 38 37
1nF
0.1 F
1nF
0.1 F
THRADJ
VCC
VEE
VREF
PIN
NIN
SLICEP
SLICEN
VEE
LOL
XO1
XO2
VCC
CIN
50
RTH
1nF
0.1 F
0.1 F
50
TIA
VCC
19.44MHz
C
4.7 F
(SEE TABLE IV FOR SPECS)
1nF
0.1 F
VCC
VCC
VCC
VEE
VEE
NC
NC
RATE
VEE
VCC
VEE
VCC
CF2
VCC
C
1nF
0.1 F
10 F
VCC
50
TRANSMISSION
LINES
CLKOUTP
CLKOUTN
DATAOUTP
DATAOUTN
VCC
4
100
EXPOSED PAD
TIED OFF TO
VCC PLANE
WITH VIAS
1nF
0.1 F
C
VCC
Figure 17. Typical Application Circuit
100
50
ADN2811
50
50
100
VCC
100
100
VCC
0.1 F
0.1 F
50
VTERM
VTERM
Figure 18. AC-Coupled Output Configuration
50
50
ADN2811
0.1 F
NIN
PIN
CIN
CIN
50
TIA
VREF
VCC
50
Figure 19. AC-Coupled Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com