Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2811 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 3 Page - Analog Devices

  ADN2811 Datasheet HTML 1Page - Analog Devices ADN2811 Datasheet HTML 2Page - Analog Devices ADN2811 Datasheet HTML 3Page - Analog Devices ADN2811 Datasheet HTML 4Page - Analog Devices ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
ADN2811
–3–
Parameter
Conditions
Min
Typ
Max
Unit
CML OUTPUTS (CLKOUTP/N, DATAOUTP/N)
Single-Ended Output Swing
VSE (See Figure 3)
300
455
600
mV
Differential Output Swing
VDIFF (See Figure 3)
600
910
1200
mV
Output High Voltage
VOH
VCC
V
Output Low Voltage
VOL
VCC – 0.6
VCC – 0.3
V
Rise Time
20%–80%
84
150
ps
Fall time
80%–20%
84
150
ps
Setup Time
TS (See Figure 1)
OC-48
140
ps
Hold Time
TH (See Figure 1)
OC-48
150
ps
REFCLK DC INPUT CHARACTERISTICS
Input Voltage Range
@ REFCLKP or REFCLKN
0
VCC
V
Peak-to-Peak Differential Input
100
mV
Common-Mode Level
DC-Coupled, Single-Ended
VCC/2
V
TEST DATA DC INPUT
CHARACTERISTICS
4 (TDINP/N)
CML Inputs
Peak-to-Peak Differential Input Voltage
0.8
V
LVTTL DC INPUT CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
VIN = 0.4 V or VIN = 2.4 V
–5
+5
LVTTL DC OUTPUT CHARACTERISTICS
Output High Voltage
VOH, IOH = –2.0 mA
2.4
V
Output Low Voltage
VOL, IOL = +2.0 mA
0.4
V
NOTES
1PIN and NIN should be differentially driven, ac-coupled for optimum sensitivity.
2PWD measurement made on quantizer outputs in BYPASS mode.
3Measurement is equipment limited.
4TDINP/N are CML inputs. If the drivers to the TDINP/N inputs are anything other than CML, they must be ac-coupled.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com