Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL88020 Datasheet (PDF) - Microchip Technology

CL88020 Datasheet PDF - Microchip Technology
Part # CL88020
Download  CL88020 Download
File Size   1353.27 Kbytes
Page   47 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 120 VAC Offline LED Driver Evaluation Board

CL88020 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL88020 Datasheet PDF - Microchip Technology

Part # CL88020
Download  CL88020 Click to download

File Size   1353.27 Kbytes
Page   47 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 120 VAC Offline LED Driver Evaluation Board

CL88020 Datasheet (HTML) - Microchip Technology




Similar Part No. - CL88020

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL8800 SUTEX-CL8800 Datasheet
745Kb / 7P
Sequential Linear LED Driver
logo
Microchip Technology
CL8800 MICROCHIP-CL8800 Datasheet
890Kb / 14P
Sequential Linear LED Driver
03/25/14
logo
Supertex, Inc
CL8800K63-G SUTEX-CL8800K63-G Datasheet
745Kb / 7P
Sequential Linear LED Driver
logo
Microchip Technology
CL8800K63-G MICROCHIP-CL8800K63-G Datasheet
890Kb / 14P
Sequential Linear LED Driver
03/25/14
CL8800K63-G-M935 MICROCHIP-CL8800K63-G-M935 Datasheet
890Kb / 14P
Sequential Linear LED Driver
03/25/14
More results


Similar Description - CL88020

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
logo
National Semiconductor ...
LM3464 NSC-LM3464 Datasheet
3Mb / 14P
4 Channel LED Driver Evaluation Board
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
Offline LED Driver
logo
Texas Instruments
LM3414HV TI1-LM3414HV Datasheet
2Mb / 15P
1A 65V LED Driver Evaluation Board
TPS92411EVM-002 TI-TPS92411EVM-002 Datasheet
1Mb / 21P
TPS92411EVM-002 Offline LED Driver Evaluation Module
logo
Microchip Technology
MCP1664 MICROCHIP-MCP1664 Datasheet
783Kb / 28P
MCP1664 LED Driver Evaluation Board
01/27/15
logo
Monolithic Power System...
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com