Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL88020 Datasheet(PDF) 7 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 7 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 3Page - Microchip Technology CL88020 Datasheet HTML 4Page - Microchip Technology CL88020 Datasheet HTML 5Page - Microchip Technology CL88020 Datasheet HTML 6Page - Microchip Technology CL88020 Datasheet HTML 7Page - Microchip Technology CL88020 Datasheet HTML 8Page - Microchip Technology CL88020 Datasheet HTML 9Page - Microchip Technology CL88020 Datasheet HTML 10Page - Microchip Technology CL88020 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
CL88020
120 VAC OFFLINE LED DRIVER
EVALUATION BOARD USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002611A-page 7
Preface
INTRODUCTION
This chapter contains general information that will be useful to know before using the
CL88020 120 VAC Offline LED Driver Evaluation Board. Items discussed in this chapter
include:
• Document Layout
• Conventions Used in this Guide
•
• Recommended Reading
• The Microchip Web Site
• Product Change Notification Service
• Customer Support
• Document Revision History
DOCUMENT LAYOUT
This document describes how to use the CL88020 120 VAC Offline LED Driver
Evaluation Board to evaluate and demonstrate the CL88020 LED driver capabilities.
The manual layout is as follows:
• Chapter 1. “Product Overview” – Important information about the CL88020 120
VAC Offline LED Driver Evaluation Board.
• Chapter 2. “CL88020 120 V
AC Offline LED Driver Evaluation
BoardInstallation and Operation”
– This chapter includes a detailed description
of each function of the demonstration board and instructions on how to use the
board.
• Appendix A. “Schematic and Layouts” – Shows the schematic and layout
diagrams for the CL88020 120 VAC Offline LED Driver Evaluation Board.
• Appendix B. “Bill of Materials (BOM)” – Lists the parts used to build the
CL88020 120 VAC Offline LED Driver Evaluation Board.
• Appendix C. “CL88020 120 V
AC Offline LED Driver Evaluation Board User’s
GuideCL88020 120 VAC Offline LED Driver Evaluation Board User’s
NOTICE TO CUSTOMERS
All documentation becomes dated, and this manual is no exception. Microchip tools and
documentation are constantly evolving to meet customer needs, so some actual dialogs
and/or tool descriptions may differ from those in this document. Please refer to our web site
(www.microchip.com) to obtain the latest documentation available.
Documents are identified with a “DS” number. This number is located on the bottom of each
page, in front of the page number. The numbering convention for the DS number is
“DSXXXXXA”, where “XXXXX” is the document number and “A” is the revision level of the
document.
For the most up-to-date information on development tools, see the MPLAB® IDE online help.
Select the Help menu, and then Topics to open a list of available online help files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com