Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL88020 Datasheet(PDF) 32 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 32 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 28Page - Microchip Technology CL88020 Datasheet HTML 29Page - Microchip Technology CL88020 Datasheet HTML 30Page - Microchip Technology CL88020 Datasheet HTML 31Page - Microchip Technology CL88020 Datasheet HTML 32Page - Microchip Technology CL88020 Datasheet HTML 33Page - Microchip Technology CL88020 Datasheet HTML 34Page - Microchip Technology CL88020 Datasheet HTML 35Page - Microchip Technology CL88020 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
CL88020 120 VAC Offline LED Driver Evaluation Board User’s Guide
DS50002611A-page 32
 2017 Microchip Technology Inc.
TABLE B-2:
BILL OF MATERIALS (BOM) FOR CL88020 LED DRIVER EVALUATION BOARD
(ADM00766) - MECHANICAL PARTS(1)
Qty.
Reference
Description
Manufacturer
Part Number
1
CBL1
Mechanical cable, Picoflex, IDT to
IDT, 8-COND, 250 mm
Molex®
92315-0825
1
HS1
Mechanical HW, heat sink adhesive
tape, L19W19H6.3
CTS® Corporation
APF19-19-06CB/A01
1
PCB
Printed Circuit Board - CL88020
LED Driver Evaluation Board
(ADM00766)
Microchip Technology Inc.
04-10559-R1
4
SCR1, SCR2,
SCR3, SCR4
Mechanical HW, screw #6-32 x 1/4”,
PanHead, PHIL, nylon
B&F™ Fasteners Supply
NY PMS 632 0025 PH
4
STANDOFF1,
STANDOFF2,
STANDOFF3,
STANDOFF4
Mechanical HW, stand-off, #6-32 x
3/8", F, HEX, nylon
Keystone Electronics Corp. 1903B
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.
TABLE B-3:
BILL OF MATERIALS (BOM) FOR CL88020 LED LOAD BOARD (ADM00767)(1)
Qty.
Reference
Description
Manufacturer
Part Number
1
J3
CON HDR-1.27, male, 1x8, Tin,
SMD, vertical
Molex®
0908140808
10 LD1, LD2, LD3,
LD4, LD5, LD6,
LD7, LD8, LD9,
LD10
Diode LED, white, 24.8V,
150 mA, 500 lm, 3000K, SMD,
L5W5H0.7
OSRAM Opto
Semiconductors GmbH.
GW P9LR31.EM-PPPR-XX57-1
1
R1
Resistor thermistor, 470 k
, 5%,
100 mW, 0603
Murata Electronics®
NCP18WM474J03RB
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.
TABLE B-4:
BILL OF MATERIALS (BOM) FOR CL88020 LED LOAD BOARD (ADM00767) -
MECHANICAL PARTS(1)
Qty.
Reference
Description
Manufacturer
Part Number
1
HS2
Mechanical HW, heat sink,
D60 mm x H30 mm, 9.1W, black
MechaTronix
Kaohsiung Co., Ltd.
LPF60A30-5-B
1PCB
Assembled Printed Circuit Board -
CL88020 LED Load Board
(ADM00767)
Microchip Technology Inc.
04-10560-R1
1
TAPE1
Mechanical HW, tape, thermal
sheet, 0.0625 mm, L254W254
Bergquist Company GmbH BP100-0 008-00-1010
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The released BOM
used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com