Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL88020 Datasheet(PDF) 13 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 13 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 9Page - Microchip Technology CL88020 Datasheet HTML 10Page - Microchip Technology CL88020 Datasheet HTML 11Page - Microchip Technology CL88020 Datasheet HTML 12Page - Microchip Technology CL88020 Datasheet HTML 13Page - Microchip Technology CL88020 Datasheet HTML 14Page - Microchip Technology CL88020 Datasheet HTML 15Page - Microchip Technology CL88020 Datasheet HTML 16Page - Microchip Technology CL88020 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
 2017 Microchip Technology Inc.
DS50002611A-page 13
1.4
CL88020 120 VAC OFFLINE LED DRIVER EVALUATION BOARD
The CL88020 120 VAC Offline LED Driver Evaluation Board is a complete solution con-
sisting of an LED Driver (ADM00766) and an LED Load Board (ADM00767) powered
directly from the 120VAC line and based on Microchip Technology’s CL88020 sequen-
tial linear LED driver. The application achieves efficient operation without using any
magnetics or conventional switching techniques and is a flexible solution that allows
users to design and to test their own LED Load solution. The included LED Load is
made with 10 LEDs. Since no high frequencies are present, it exhibits inherently low
conducted and radiated EMI without needing input filters or shielding. Because the cur-
rent through the LEDs follows the AC input voltage, PFC circuitry is also not needed.
The CL88020 is inherently compatible with both leading-edge and trailing-edge dim-
mers, with no need for special circuitry to detect and respond to them.
The LED Load is provided on a double-layer 60 mm diameter FR4 PCB (0.6 mm thick)
mounted on a pin-fin heat sink. The LED Driver PCB (ADM00766) is made on 1.6 mm
standard double-layer FR4. The kit includes an 8-wire flat cable to connect the LED
Driver Board to the LED Load, and a black anodized pin fin heat sink with double-sided
adhesive thermal tape necessary to mount the LED Load Board on it. All circuitry and
hardware is provided, along with transient protection and overtemperature protection.
Just plug into a 120 VAC outlet (50 Hz or 60 Hz) to get started.
Figure 1-2 presents the CL88020 LED Driver Evaluation Board.
FIGURE 1-2:
CL88020 LED Driver Evaluation Board Source Board (ADM00766) - Top View.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com