Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL88020 Datasheet(PDF) 33 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 29Page - Microchip Technology CL88020 Datasheet HTML 30Page - Microchip Technology CL88020 Datasheet HTML 31Page - Microchip Technology CL88020 Datasheet HTML 32Page - Microchip Technology CL88020 Datasheet HTML 33Page - Microchip Technology CL88020 Datasheet HTML 34Page - Microchip Technology CL88020 Datasheet HTML 35Page - Microchip Technology CL88020 Datasheet HTML 36Page - Microchip Technology CL88020 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
CL88020
120 VAC OFFLINE LED DRIVER
EVALUATION BOARD USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002611A-page 33
Appendix C. CL88020
120 VAC Offline LED Driver
Evaluation Board User’s Guide Waveforms
C.1
CL88020 120 VAC OFF-LINE LED DRIVER EVALUATION BOARD TYPICAL
WAVEFORMS
C.1.1
Total Output Current on 110, 120, 138 VAC RMS Input
FIGURE C-1:
Total Output Current at 110 VAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com