Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL88020 Datasheet(PDF) 17 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 13Page - Microchip Technology CL88020 Datasheet HTML 14Page - Microchip Technology CL88020 Datasheet HTML 15Page - Microchip Technology CL88020 Datasheet HTML 16Page - Microchip Technology CL88020 Datasheet HTML 17Page - Microchip Technology CL88020 Datasheet HTML 18Page - Microchip Technology CL88020 Datasheet HTML 19Page - Microchip Technology CL88020 Datasheet HTML 20Page - Microchip Technology CL88020 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
CL88020
120 VAC OFFLINE LED DRIVER
EVALUATION BOARD USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002611A-page 17
Chapter 2. CL88020 120 VAC Offline LED Driver
Evaluation Board Installation and Operation
2.1
INTRODUCTION
CL88020 120 VAC Offline LED Driver Evaluation Board User’s Guide is intended to
drive a long string of low-current LEDs directly from the AC mains. A basic driver circuit
consists of CL88020, six resistors and a bridge rectifier. Two to four additional compo-
nents are optional for various levels of transient protection, also with a low-price NTC
to assure remote overtemperature protection (OTP). No capacitors, EMI filters or
power factor correction circuits are needed.
A string of series/parallel LEDs is tapped at four locations. Four linear current regula-
tors sink current at each tap through a single control point and are sequentially turned
on and off. High efficiency is achieved by shutting off upstream regulators when down-
stream regulators achieve regulation. This makes controlling overall input current eas-
ier than trying to control multiple current paths, thereby tracking the input sine wave
voltage. Voltage across each regulator is minimized when conducting, providing high
efficiency. It implements a self-commutation technique using only the tap currents; this
technique inherently provides smooth transitions from one regulator to the next, without
relying on tap voltages or the rectified AC to coordinate the transitions. The current
waveform can be tailored to optimize for input voltage range, active line/load regulation,
output power/current, efficiency, power factor, THD, dimmer compatibility and LED uti-
lization. With the addition of an RC network, the driver is compatible with a wider range
of phase-cut dimmers. The data sheet includes a description of how the driver
operates, with design guidelines and examples.
2.1.1
CL88020 LED Driver Evaluation Board Features
The CL88020 LED Driver Evaluation Board (ADM00766) has the following features:
• Input Voltage: 120 Vrms +/-15%, 50/60 Hz
• Typical Output Capability: up to 130 mA
• Efficiency: Over 83%
• Max Output Power: 8.5W (depends on the cooling provided)
The CL88020 LED Load Board (ADM00767), has the following features:
•Contains 10 LEDs (GW P9LR31.EM) grouped in 4 taps
• An 8-wire flat cable input connector
• One NTC for overtemperature protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com