Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ-RL Datasheet (PDF) - Analog Devices

ADAS1000-4BSTZ-RL Datasheet PDF - Analog Devices
Part # ADAS1000-4BSTZ-RL
Download  ADAS1000-4BSTZ-RL Download
File Size   1628.41 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End

ADAS1000-4BSTZ-RL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAS1000-4BSTZ-RL Datasheet PDF - Analog Devices

Part # ADAS1000-4BSTZ-RL
Download  ADAS1000-4BSTZ-RL Click to download

File Size   1628.41 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End

ADAS1000-4BSTZ-RL Datasheet (HTML) - Analog Devices


ADAS1000-4BSTZ-RL Product details

GENERAL DESCRIPTION
The ADAS1000-3/ADAS1000-4 measure electro cardiac (ECG) signals, thoracic impedance, pacing artifacts, and lead-on/off status and output this information in the form of a data frame supplying either lead/vector or electrode data at programmable data rates. Its low power and small size make it suitable for portable, battery-powered applications. The high performance also makes it suitable for higher end diagnostic machines.

FEATURES
    Biopotential signals in; digitized signals out
    3 acquisition (ECG) channels and one driven lead
    Can be ganged for 8 electrode + RLD using master ADAS1000 or ADAS1000-1
    AC and DC lead-off detection
    Internal pace detection algorithm on 3 leads Support for user’s own pace
    Thoracic impedance measurement (internal/external path)
    Selectable reference lead
    Scalable noise vs. power control, power-down modes
    Low power operation from 11 mW (1 lead), 15 mW (3 leads)
    Lead or electrode data available
    Supports AAMI EC11:1991/(R)2001/(R)2007, AAMI EC38 R2007, EC13:2002/(R)2007, IEC60601-1 ed. 3.0 b:2005, IEC60601-2-25 ed. 2.0 :2011, IEC60601-2-27 ed. 2.0 b:2005, IEC60601-2-51 ed. 1.0 b: 2005
    Fast overload recovery
    Low or high speed data output rates
    Serial interface SPI-/QSPI™-/DSP-compatible
    56-lead LFCSP package (9 mm × 9 mm)
    64-lead LQFP package (10 mm × 10 mm body size)

APPLICATIONS
    ECG: monitor and diagnostic Bedside patient monitoring, portable telemetry, Holter, AED, cardiac defibrillators, ambulatory monitors, pace maker programmer, patient transport, stress testing




Similar Part No. - ADAS1000-4BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1000-4 AD-ADAS1000-4 Datasheet
1Mb / 80P
Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
More results


Similar Description - ADAS1000-4BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
LOW POWER LOW VOLTAGE ANALOG FRONT END
Nov-1998
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
logo
Analog Devices
ADAS1000 AD-ADAS1000 Datasheet
131Kb / 3P
Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
Rev. Pr.D
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
Three-Channel Analog Front-End Device
2005-2013
logo
Analog Devices
ADAS1000BSTZ AD-ADAS1000BSTZ Datasheet
1Mb / 80P
Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
logo
Microchip Technology
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
08/24/05
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
logo
Analog Devices
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com