Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet (PDF) - STMicroelectronics

STLC7550 Datasheet PDF - STMicroelectronics
Part # STLC7550
Download  STLC7550 Download
File Size   174.59 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER LOW VOLTAGE ANALOG FRONT END

STLC7550 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC7550 Datasheet PDF - STMicroelectronics

Part # STLC7550
Download  STLC7550 Click to download

File Size   174.59 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER LOW VOLTAGE ANALOG FRONT END

STLC7550 Datasheet (HTML) - STMicroelectronics


STLC7550 Product details

DESCRIPTION
The STLC7550 is a single chip Analog Front-end (AFE) designed to implement modems up to 56Kbps.
It has been especially designed for host processing application in which the modulation software (V.34bis, 56Kbps) is performed by the main application processor : Pentium, Risc or DSP processors.
The main target of this device is stand alone appliances as Hand Held PC (HPC), Personnal Digital Assistants (PDA), Webphones, Network Computers, Set Top Boxes for Digital Television (Satellite and Cable).
To comply with such applications STLC7550 is powered nominally at 3V only.

■ GENERAL PURPOSE SIGNAL PROCESSING ANALOG FRONT END (AFE)
■ TARGETED FOR V.34bis MODEM AND 56Kbps MODEM APPLICATIONS
■ 16-BIT OVERSAMPLING Σ∆ A/D AND D/A CONVERTERS
■ 83dB SIGNAL TO NOISE RATIO FOR SAMPLING FREQUENCY UP TO 9.6kHz @ 3V
■ 87dB DYNAMIC RANGE @ 3V
■ FILTER BANDWIDTHS : 0.425 x THE SAMPLING FREQUENCY
■ ON-CHIP REFERENCE VOLTAGE
■ SINGLE POWER SUPPLY RANGE : 2.7 TO 5.5V
■ LOW POWER CONSUMPTION LESS THAN 30mW OPERATING POWER 3V
■ STAND-BY MODE POWER CONSUMPTION LESS THAN 3µW at 3V
■ PROGRAMMING SAMPLING FREQUENCY
■ MAX. SAMPLING FREQUENCY : 45kHz
■ SYNCHRONOUS SERIAL INTERFACE FOR PROCESSOR DATAS EXCHANGE. MASTER OR SLAVE OPERATIONS
■ 0.50µm CMOS PROCESS
■ TQFP44 PACKAGE
■ STLC7546 MODE OF OPERATION COMPATIBLE




Similar Part No. - STLC7550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1 STMICROELECTRONICS-STLC1 Datasheet
298Kb / 16P
LED LAMPS CLUSTER DRIVER
Sep-2002
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
VOICE OVER IP PROCESSOR
A04
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
More results


Similar Description - STLC7550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311 AD-AD73311 Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD74322 AD-AD74322 Datasheet
123Kb / 20P
Low Cost, Low Power Stereo Audio Analog Front End
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com