Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC7550 Datasheet HTML 1Page - STMicroelectronics STLC7550 Datasheet HTML 2Page - STMicroelectronics STLC7550 Datasheet HTML 3Page - STMicroelectronics STLC7550 Datasheet HTML 4Page - STMicroelectronics STLC7550 Datasheet HTML 5Page - STMicroelectronics STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
STLC7550
LOW POWER LOW VOLTAGE ANALOG FRONT END
November 1998
TQFP44 (10 x 10 x 1.40 mm)
(Full Plastic Quad Flat Pack)
ORDER CODE : STLC7550TQFP
.
GENERAL PURPOSE SIGNAL PROCESSING
ANALOG FRONT END (AFE)
.
TARGETED
FOR
V.34bis
MODEM
AND
56Kbps MODEM APPLICATIONS
.
16-BIT OVERSAMPLING
Σ∆ A/D AND D/A
CONVERTERS
.
83dB SIGNAL TO NOISE RATIO FOR SAM-
PLING FREQUENCY UP TO 9.6kHz @ 3V
.
87dB DYNAMIC RANGE @ 3V
.
FILTER BANDWIDTHS :
0.425 x THE SAMPLING FREQUENCY
.
ON-CHIP REFERENCE VOLTAGE
.
SINGLE POWER SUPPLY RANGE :
2.7 TO 5.5V
.
LOW POWER CONSUMPTION LESS THAN
30mW OPERATING POWER 3V
.
STAND-BY MODE POWER CONSUMPTION
LESS THAN 3
µW at 3V
.
PROGRAMMING SAMPLING FREQUENCY
.
MAX. SAMPLING FREQUENCY : 45kHz
.
SYNCHRONOUS SERIAL INTERFACE FOR
PROCESSOR DATAS EXCHANGE. MASTER
OR SLAVE OPERATIONS
.
0.50
µm CMOS PROCESS
.
TQFP44 PACKAGE
.
STLC7546 MODE OF OPERATION COMPATIBLE
DESCRIPTION
The STLC7550 is a single chip Analog Front-end
(AFE) designed to implement modems up to
56Kbps.
It has been especially designed for host processing
application in which the modulation software
(V.34bis, 56Kbps) is performed by the main applica-
tion processor : Pentium, Risc or DSP processors.
The main target of this device is stand alone appli-
ances as Hand Held PC (HPC), Personnal Digital
Assistants (PDA), Webphones, Network Comput-
ers, Set Top Boxes for Digital Television (Satellite
and Cable).
To comply with such applications STLC7550 is
powered nominally at 3V only.
Maximum Power Dissipation 30mW is well suited
for Battery operations.
In case of battery low, STLC7550 will continue to
work even at a 2.7V level.
STLC7550 also provides clock generator for all
sampling frequencies requested for V.34bis and
56Kbps applications.
This new AFE can also be used for PC mother
boards or add-on cards or stand alone MODEMs.
It can be used in a master mode or slave mode.
The slave mode eases multi AFE architecture de-
sign in saving external logical glue.
TQFP48 (7 x 7 x 1.40mm)
(Full Plastic Quad Flat Pack)
ORDER CODE : STLC7550TQF7
1/17


Similar Part No. - STLC7550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1 STMICROELECTRONICS-STLC1 Datasheet
298Kb / 16P
LED LAMPS CLUSTER DRIVER
Sep-2002
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
VOICE OVER IP PROCESSOR
A04
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
More results

Similar Description - STLC7550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311 AD-AD73311 Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD74322 AD-AD74322 Datasheet
123Kb / 20P
Low Cost, Low Power Stereo Audio Analog Front End
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com