Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics STLC7550 Datasheet HTML 10Page - STMicroelectronics STLC7550 Datasheet HTML 11Page - STMicroelectronics STLC7550 Datasheet HTML 12Page - STMicroelectronics STLC7550 Datasheet HTML 13Page - STMicroelectronics STLC7550 Datasheet HTML 14Page - STMicroelectronics STLC7550 Datasheet HTML 15Page - STMicroelectronics STLC7550 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Nominal AC Electrical Characteristics
(Reference level VIL = 0.5V, VIH = DVDD - 0.5V, VOL = 0.3V, VOH = DVDD - 0.5V, DVDD = 3V,
Output load = 50pF unless otherwise)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SERIAL CHANNEL TIMING (see Figure 9 for Parameter numbers)
1
SCLK Period
300
ns
2
SCLK Width Low
150
ns
3
SCLK Width High
150
ns
4
SCLK Rise Time
10
ns
5
SCLK Fall Time
10
ns
6
FS Setup
100
ns
7
FS Hold
100
ns
8
DIN Setup
50
ns
9
DIN Hold
0
ns
10
DOUT Valid
20
ns
11
HC0,HC1 Set-up
20
ns
12
0
50
ns
MASTER CLOCK INTERFACE (MCLK) (MCM = 0)
MCLK
Master Clock Input
0.92
1.54
2.8
MHz
Master Clock Duty Cycle
45
55
%
ELECTRICAL SPECIFICATIONS (continued)
SCLK
FS
DIN
1
67
10
89
2.4 35
MSB
MSB
DOUT
HC0
11
12
Figure 9 : Serial Interface Timing Diagram
STLC7550
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com