Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC7550 Datasheet HTML 5Page - STMicroelectronics STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics STLC7550 Datasheet HTML 10Page - STMicroelectronics STLC7550 Datasheet HTML 11Page - STMicroelectronics STLC7550 Datasheet HTML 12Page - STMicroelectronics STLC7550 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Sampling Period
1/2 Sampling Period (see Note)
FS
TxDI
HC1, HC0
1X
Data Word Input
Control Word
01
SCLK
TxDO
Data Word Output
Register Word
Note : In slave mode, this 1/2 Sampling Period is not mandatory. If 1/2 Sampling Period is not provided, one sample is lost.
Figure 8 : Mixed Mode
5 - HOST INTERFACE
FUNCTIONAL DESCRIPTION (continued)
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
-
D15 D14
-
-
-
-
FS
SCLK
TxDI
HC1, HC0
Sampling period
00 or 01
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
-
D15 D14
-
-
-
-
TxDO
Figure 7 : Data Mode
The Host interface consist of the shift clock,
the frame synchronization signal, the ADC-
channel data output, and the DAC-channel
data input.
Two modes of serial transfer are available :
- First : Software mode for 15-bit transmit data
transfer and 16-bit receive data transfer
- Second : hardware mode for 16-bit data transfer.
Both modes are selected by the Hardware Control
pins (HC0, HC1).
The data to the device, input/output are MSB-first
in 2’s complement format (see Table 2).
When Control Mode is selected, the device will
internally generate an additional Frame Synchroni-
zation Pulse (Secondary Frame Synchronization
Pulse) at the midpoint of the original Frame Period.
If the device is in slave mode the additional frame
sync (secondary frame sync pulse) must be gener-
ated by the processor. The Original Frame Syn-
chronization Pulse will also be referred to as the
Primary Frame Synchronization Pulse.
Table 2 : Mode Selection
HC1
HC0
LSB
Useful Data
Secondary
FSYNC
Description
0
0
0
15bits
No
Software Mode for Data Transfer only.
0
0
1
15bits (+16bits reg.)
Yes
Software Mode for Data Transfer + Control Register Transfer.
0
1
X
16bits
No
Hardware Mode for Data Transfer only.
1
X
X
16bits (+16bits reg.)
Yes
Hardware Mode for Data Transfer + Control Register Transfer.
STLC7550
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com