Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC7550 Datasheet HTML 1Page - STMicroelectronics STLC7550 Datasheet HTML 2Page - STMicroelectronics STLC7550 Datasheet HTML 3Page - STMicroelectronics STLC7550 Datasheet HTML 4Page - STMicroelectronics STLC7550 Datasheet HTML 5Page - STMicroelectronics STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PIN LIST
Pin Number
Name
Type
Description
TQFP44
TQFP48
1 - 2, 10 to 13,
21 to 24, 32 to
35, 43 - 44
1 - 2, 10 to 14,
22 to 26, 34 to
38, 46 to 48
NC
-
Not connected
3
3
SCLK
O
Shift Clock Output
4
4
FS
I/O
Frame Synchronization Input (slave)/Output (master)
55
DVDD
I
Positive Digital Power Supply (2.7V TO 5.5V)
6
6
DGND
I
Digital Ground
7
7
MCM
I
Master Clock Mode
8
8
XTALOUT
O
Crystal Output
9
9
XTALIN/MCLK
I
Crystal Input (MCM = 1) / External Clock (MCM = 0)
14
15
HC1
I
Hardware Control Input
15
16
HC0
I
Hardware Control Input
16
17
PWRDWN
I
Power down Input
17
18
M/S
I
Master/Slave Mode Control Pin Input
18
19
VREFP
O
16-bit D/A and A/D Positive Reference Voltage
19
20
VREFN
O
16-bit D/A and A/D Negative Reference Voltage
20
21
AGND1
I
Analog Ground
25
27
AUXIN+
I
Non-inverting Input to Auxiliary Analog Input
26
28
AUXIN-
I
Inverting Input to Auxiliary Analog Input
27
29
IN+
I
Non-inverting Input to Analog Input Amplifier
28
30
IN-
I
Inverting Input to Analog Input Amplifier
29
31
AVDD
I
Positive Analog Power Supply (2.7V to 5.5V)
30
32
VCM
O
Common Mode Voltage Output (AVDD/2)
31
33
AGND2
I
Analog Ground
36
39
OUT+
O
Non-inverting Smoothing Filter Output
37
40
OUT-
O
Inverting Smoothing Filter Output
38
41
RESET
I
Reset Function to initialize the internal counters
39
42
TS
I
Timeslot Control Input
40
43
TSTD1
I/O
Digital Input/Output reserved for test
41
44
DIN
I
Serial Data Input
42
45
DOUT
O
Serial Data Output
PIN DESCRIPTION
1 - POWER SUPPLY (5 pins)
1.1 - Analog VDD Supply (AVDD)
This pin is the positive analog power supply
voltage for the DAC and the ADC section.
It is not internally connected to digital VDD supply
(DVDD).
In any case the voltage on this pin must be higher
or equal to the voltage of the Digital power supply
(DVDD).
1.2 - Digital VDD Supply (DVDD)
This pin is the positive digital power supply for DAC
and ADC digital internal circuitry.
1.3 - Analog Ground (AGND1, AGND2)
These pins are the ground return of the analog DAC
(ADC) section.
1.4 - Digital Ground (DGND)
This pin is the ground for DAC and ADC internal
digital circuitry.
Notes : 1. To obtain published performance, the analog VDD and Digital VDD should be decoupled with respect to Analog Ground and Digital
Ground, respectively. The decoupling is intended to isolate digital noise from the analog section ; decoupling capacitors should
be as close as possible to the respective analog and digital supply pins.
2. All the ground pins must be tied together. In the following section, the ground and supply pins are referred to as GND and VDD,
respectively.
STLC7550
3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com