Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC7550 Datasheet HTML 2Page - STMicroelectronics STLC7550 Datasheet HTML 3Page - STMicroelectronics STLC7550 Datasheet HTML 4Page - STMicroelectronics STLC7550 Datasheet HTML 5Page - STMicroelectronics STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics STLC7550 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FUNCTIONAL DESCRIPTION
1 - TRANSMIT D/A SECTION
The functions included in the Tx D/A section are
detailed hereafter. 16-bit 2’s complement data for-
mat is used in the DAC channel.
1.1 - Transmit Low Pass Filters
The transmit low pass filter is basically an interpo-
lating filter including a sinx/x correction. It is a
combination of Finite Impulse Response filter (FIR)
and an Infinite Impulse Response filter (IIR). The
digital signal from the serial interface gets interpo-
lated by 2, 3, 4, 5 or 6 x Sampling Frequency (FS)
through the IIR filter. The signal is further interpo-
lated by 32 x FS x n (with n equal to 2, 3, 4, 5, 6)
through the IIR and FIR filter. The low pass filter is
followed by the DAC. The DAC is oversampled at
64, 96, 128, 160, 192 x FS. The oversampling ratio
is user selectable.
1.2 - D/A Converter
The oversampled D/A converter includes a second
order digital noise shaper, a one bit D/A converter
and a single pole analog low-pass filter.
The attenuation of the last output stage can be
programmed to 0dB, +6dB or infinite. The cut-off
frequency of the single pole switch-capacitor low-
pass filter is :
fc−3dB =
OCLK
2
⋅ π ⋅ 10
with OCLK = Oversampling Clock frequency.
Continuous-time filtering of the analog differential
output is necessary using an off-chip amplifier and
a few external passive components.
At least 79dB signal to noise plus distortion ratio can
be obtained in the frequency band of 0.425 x 9.6kHz
(with an oversampling ratio equal to 160).
2 - RECEIVE A/D SECTION
The different functions included in the ADC channel
section are described below. 16-bit 2’s complement
data format is used in the ADC.
2.1 - A/D Converter
The oversampled A/D converter is based on a
second order sigma-delta modulator. To produce
excellent common-mode rejection of unwanted sig-
nals, the analog signal is processed differentially
until it is converted to digital data. Single-ended
mode can also be used. The ADC is oversampled
at 64, 96, 128, 160 or 192 x FS. The oversampling
ratio is user selectable. At least -85dB SNDR can
be expected in the 0.425 x 9.6kHz bandwidth with
a -6dBr differential input signal and an oversam-
pling ratio equal to 160.
2.2 - Receive Low Pass Filter
It is a decimation filter. The decimation is performed
by two decimation digital filters : one decimation
FIR filter and one decimation IIR filter.
The purpose of the FIR filter is to decimate 32 times
the digital signal coming from the ADC modulator.
The IIR is a cascade of 5 biquads. It provides the
low-pass filtering needed to remove the noise re-
maining above half the sampling frequency. The
output of the IIR will be processed by the DSP.
3 - CLOCK GENERATOR
The master clock, MCLK is provided by the user
thanks to a crystal or external clock generator (see
Figure 1).
The MCLK could be equal to 36.864MHz
(MCM = 1). In that case thanks to the divider M x Q,
the STLC7550 is able to generate all V.34bis and
56 Kbps sampling frequencies (see Table 1).
When MCM = 0, the MCLK must be equal to the
oversampling frequency : Fs x OVER (7546 mode).
The ADC and DAC are oversampled at the OCLK
frequency. OCLK is equal to the shift clock used in
the serial interface.
The MCLK frequency should be :
MCLK = K x Sampling frequency
Combination of M, Q and oversampling ratios al-
lows to generate several sampling frequencies.
Recommended values for classical modem appli-
cations are as follow :
Table 1 : Sampling Frequencies Generation
F
(kHz)
FQ =
36.864MHz (1)
FQ =
18.432MHz
FQ =
9.216MHz
M
Q
over
M
Q
over M
Q
over
16.00
3
6
128
2
4.5
128
1
6
96
13.96
3
5.5
160
-
-
-
-
-
-
13.71
3
7
128
1
7
192
1
7
96
12.80
3
6
160
2
4.5
160
1
4.5
160
12.00
3
8
128
2
6
128
1
6
128
11.82
3
6.5
160
-
-
-
-
-
-
10.97
3
7
160
-
-
-
-
-
-
10.47
4
5.5
160
2
5.5
160
1
5.5
160
10.29
4
7
128
2
7
128
1
7
128
9.60
4
6
160
2
6
160
1
6
160
9.00
4
8
128
2
8
128
1
8
128
8.86
4
6.5
160
2
6.5
160
1
6.5
160
8.23
4
7
160
2
7
160
1
7
160
8.00
4
6
192
2
6
192
1
6
192
7.20
4
8
160
2
8
160
1
8
160
Note :
1. Recommended value.
STLC7550
6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com