Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC7550 Datasheet HTML 9Page - STMicroelectronics STLC7550 Datasheet HTML 10Page - STMicroelectronics STLC7550 Datasheet HTML 11Page - STMicroelectronics STLC7550 Datasheet HTML 12Page - STMicroelectronics STLC7550 Datasheet HTML 13Page - STMicroelectronics STLC7550 Datasheet HTML 14Page - STMicroelectronics STLC7550 Datasheet HTML 15Page - STMicroelectronics STLC7550 Datasheet HTML 16Page - STMicroelectronics STLC7550 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DEFINITION AND TERMINOLOGY
Data Transfer Interval
The time during which data is transfered from DOUT and to DIN. This
interval is 16 shift clocks provides by the chip.
Signal Data
This refers to the input signal and all the converted representations
through the ADC channel and the DAC channel.
Data Mode
This refers to the data transfer. Since the device is synchronous, the
signal data words from the ADC channel and to the DAC channel occur
simultaneously.
Control Mode
This refers to the digital control data transfer into DIN and the register
read data from DOUT. The control mode interval occurs when
requested by hardware or software.
Frame Sync.
Frame sync refers only to the falling edge of the signal which initiates
the data transfer interval. The primary frame sync starts the Data Mode
and the secondary frame sync starts the Control Mode.
Frame Sync and
Sampling Period
The time between falling edges of successive primary frame sync
signals.
ADC Channel
This term refers to all signal processing circuits between the analog
input and the digital conversion result at DOUT.
DAC Channel
This term refers to all signal processing circuits between the digital
data word applied to DIN and the differential output analog signal
available at OUT+ and OUT- pins.
OverSampling Ratio
This term refer to the ratio between the master clock MCLK
corresponding to the oversampling frequency and the sampling
frequency FS.
Resolution
The number of bits in the input words to the DAC, and the output words
in the ADC.
Dynamic Range
The S/(N+D) with a 1kHz, -20dBr input signal and extrapolated to full
scale. Use of a small input signal reduces the harmonic distortion
components of the noise to insignificance. Units in dB or in Nbit as
explained before.
Signal-to-(Noise+Distortion)
S/(THD+N) is the ratio of the rms of the input signal to the rms of all
other spectral components within the measurement bandwidth
(0.425 x Sampling Frequency). Units in dB.
Crosstalk
The amount of 1kHz signal present on the output of the grounded input
channel with 1kHz 0dB signal present on the other channel. Units
in dB.
Power Supply Rejection Ratio
PSRR. The amount of 1kHz signal present on the output of the
grounded input channel with 1kHz 200mVPP signal present on the
power supply.
STLC7550
15/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com