Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics STLC7550 Datasheet HTML 10Page - STMicroelectronics STLC7550 Datasheet HTML 11Page - STMicroelectronics STLC7550 Datasheet HTML 12Page - STMicroelectronics STLC7550 Datasheet HTML 13Page - STMicroelectronics STLC7550 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
6 - CONTROL REGISTER
This section defines the control and device status
information. The register programming occurs only
during Secondary Frame Synchronization. After a
reset condition, the device is always in data mode.
Table 3 : Bits Assignment
Bits
Name
Function
Reset
Value
0-
-
0
1
D1
Aux/Main Input
0
2
D2
Receive Gain
0
3
D3
Oversampling bit 0
0
4
D4
Oversampling bit 1
0
5
D5
Oversampling bit 2
0
6
D6
Attenuator transmit bit 0
0
7
D7
Attenuator transmit bit1
0
8
M
M Divider
1
9
Q0
Q0 Divider
1
10
Q1
Q1 Divider
0
11
Q2
Q2 Divider
0
12
T0
M Divider and Test mode bit 0
0
13
T1
M Divider and Test mode bit 1
0
14
TEST2
Test mode bit 2
0
15
TEST3
Test mode bit 3
0
Table 4 : Aux/Main Input
D1
Function
0
Main Receive Input
1
Auxiliary Receive Input
Table 5 : Receive Gain
D2
Function
DIFFERENTIAL INPUT
0
0dB gain (commun mode fixed)
1
+6dB gain (commun mode non-fixed)
SINGLE ENDED (one input used, other at VCM)
0
-6dB gain (see Note 1)
1
0dB gain
Note 1 : Not recommended case. Performances could be reduced.
Table 6 : Oversampling Ratio
D5
D4
D3
Function
0
0
0
160
0
0
1
192
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Reserved
10
1
64
11
0
96
1
1
1
128
Table 7 : Transmit Attenuation
D7
D6
Function
0
0
Infinite
0
1
Reserved
1
0
-6dB
11
0dB
Table 8 : Q Divider Clock Generator
D11
D10
D9
Function
0
0
0
Q divider = 5
0
0
1
Q divider = 6
0
1
0
Q divider = 7
0
1
1
Q divider = 8
1
0
0
Q divider = 4.5
1
0
1
Q divider = 5.5
1
1
0
Q divider = 6.5
1
1
1
Q divider = 7.5
Table 9 : M Divider Clock Generator
D13
D12
D8
Function
0
0
0
M divider = 3
0
0
1
M divider = 4
0
1
X
Reserved
1
0
X
Reserved
1
1
0
M divider = 1
1
1
1
M divider = 2
Table 10 : Reserved Mode
D15
D14
Function
X
X
Reserved for test
This two bits must be set to 0 for normal operation.
FUNCTIONAL DESCRIPTION (continued)
STLC7550
10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com