Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC7550 Datasheet HTML 1Page - STMicroelectronics STLC7550 Datasheet HTML 2Page - STMicroelectronics STLC7550 Datasheet HTML 3Page - STMicroelectronics STLC7550 Datasheet HTML 4Page - STMicroelectronics STLC7550 Datasheet HTML 5Page - STMicroelectronics STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
4 - ANALOG INTERFACE (9 pins)
4.1 - DAC and ADC Positive Reference
Voltage Output (VREFP)
This pin provides the Positive Reference Voltage
used by the 16-bit converters. The reference volt-
age, VREF, is the voltage difference between the
VREFP and VREFN outputs, and its nominal value is
1.25V. VREFP should be externally decoupled with
respect to VCM.
4.2 - DAC and ADC Negative Reference
Voltage Output (VREFN)
This pin provides the Negative Reference Voltage
used by the 16-bit converters, and should be exter-
nally decoupled with respect to VCM.
4.3 - Common Mode Voltage Output (VCM)
This output pin is the common mode voltage
(AVDD - AGND)/2. This output must be decoupled
with respect to GND.
4.4 - Non-inverting Smoothing Filter Output(OUT+)
This pin is the non-inverting output of the fully
differential analog smoothing filter.
4.5 - Inverting Smoothing Filter Output (OUT-)
This pin is the inverting output of the fully differential
analog smoothing filter. Outputs OUT+ and OUT-
provide analog signals with maximum peak-to-
peak amplitude 2 x VREF, and must be followed by
an external two pole smoothing filter. The external
filter follows the internal single pole switch capaci-
tor filter. The cutoff frequency of the external filter
must be greater than two times the sampling fre-
quency (FS), so that the combined frequency re-
sponse of both the internal and external filters is flat
in the passband . The attenuator of the last output
stage can be programmed to 0dB, 6dB or infinite.
4.6 - Non-inverting Analog Input (IN+)
This pin is the differential non-inverting ADC input.
4.7 - Inverting Analog Input (IN-)
This pin is the differential inverting ADC input.
These analog inputs (IN+, IN-) are presented to the
Sigma-Delta modulator. The analog input peak-to-
peak differential signal range must be less than
2 x VREF, and must be preceded by an external
single pole anti-aliasing filter. The cut-off frequency
of the filter must be lower than one half the over-
sampling frequency. These filters should be set as
close as possible to the IN+ and IN- pins. The gain
of the first stage is programmable (see Table 3).
4.8 - Non-inverting Auxiliary Analog
Input (AUX IN+)
This pin is the differential non-inverting auxiliary ADC
input. The characteristics are same as the IN+ input.
4.9 - Inverting Auxiliary Analog Input (AUX IN-)
This pin is the differential inverting auxiliary ADC
input. The characteristics are same as the IN- input.
The input pair (IN+/IN- or AUX IN+/AUX IN-) are
software selectable.
PIN DESCRIPTION (continued)
ANALOG
MODULATOR
2nd ORDER
MODULATOR
LOW-PASS
(0.425 x sampling
frequency)
HC0
OUT+
OUT-
V
CM
V
REFN
V
REFP
IN+
IN-
(0 + 6dB in
diff. input)
DAC 1 BIT
First order
differential
switched
capacitor
filter
LOW-PASS
(0.425 x sampling
frequency)
ATTEN.
0dB/+6dB/
INFINITE
M/S
FS
SCLK
DOUT
DIN
CLOCK
GENERATOR
XTALIN
XTALOUT
AGND2
AGND1
AV
DD
DV
DD
DGND
STLC7550
RESET
PWRDWN
38
16
6
5
9
8
31
20
29
37
36
30
19
18
28
27
15
TS
7
MCM
39
HC1
14
17
4
3
42
41
TSTD1
40
AUXIN+
AUXIN-
26
25
MUX
BLOCK DIAGRAM (TQFP44)
STLC7550
5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com