Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC7550 Datasheet HTML 1Page - STMicroelectronics STLC7550 Datasheet HTML 2Page - STMicroelectronics STLC7550 Datasheet HTML 3Page - STMicroelectronics STLC7550 Datasheet HTML 4Page - STMicroelectronics STLC7550 Datasheet HTML 5Page - STMicroelectronics STLC7550 Datasheet HTML 6Page - STMicroelectronics STLC7550 Datasheet HTML 7Page - STMicroelectronics STLC7550 Datasheet HTML 8Page - STMicroelectronics STLC7550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2 - HOST INTERFACE (10 pins)
2.1 - Data In (DIN)
In Data Mode, the data word is the input of the DAC
channel. In software, the data word is followed by
the control register word.
2.2 - Data Out (DOUT)
In Data Mode, the data word is the ADC conversion
result. In software, the data word is followed by the
register read.
2.3 - Frame Synchronization (FS)
In master mode, the frame synchronization signal
is used to indicate that the device is ready to send
and receive data. The data transfer begins on the
falling edge of the frame-sync signal. The frame-
sync is generated internally and goes low on the
rising edge of SCLK in master mode. In slave mode
the frame is generated externally.
2.4 - Serial Bit Clock (SCLK)
SCLK clocks the digital data into DIN and out of
DOUT during the frame synchronization interval.
The Serial bit clock is generated internally.
2.5 - Reset Function (RESET)
The reset function is to initialize the internal count-
ers and control register. A minimum low pulse of
100ns is required to reset the chip. This reset
function initiates the serial data communications.
The reset function will initialize all the registers to
their default value and will put the device in a
pre-programmed state. After a low-going pulse on
RESET, the device registers will be initialized to
provide an over-sampling ratio equal to 160, the
serial interface will be in data mode, the DAC
attenuation will be set to infinite, the ADC gain will
be set to 0dB, the Differential input mode on the
ADC converter will be selected, and the multiplexor
will be set on the main inputs IN+ and IN-. After a
reset condition, the first frame synchronization cor-
responds to the primary channel.
2.6 - Power Down (PWRDWN)
The Power-Down input powers down the entire
chip (< 50
µW). When PWRDWN Pin is taken low,
the device powers down such that the existing
internally programmed state is maintained. When
PWRDWN is driven high, full operation resumes
after 1ms. If the PWRDWN input is not used, it
should be tied to VDD.
2.7 - Hardware Control (HC0, HC1)
These two pins are used for Hardware/Software
Control of the device. The data on HC0 and HC1
will be latched on to the device on the rising edge
of the Frame Synchronization Pulse. If these two
pins are low, Software Control Mode is selected.
When in Software Control Mode, the LSB of the
16-bit word will select the Data Mode (LSB = 0) or
the Control Mode (LSB = 1). Other combinations of
HC0/HC1 are for Hardware Control. These inputs
should be tied low if not used.
2.8 - Master/Slave Control (M/S)
When M/S is high, the device is in master mode
and Fs is generated internally. When M/S is low,
the device is in slave mode and Fs must be
generated externally.
2.9 - Master Clock Mode (MCM)
When MCM is high, XTALIN is provided externally
and must be equal to 36.864MHz. When MCM is low,
XTALIN is provided externally and must be equal to
oversampling frequency : Fs x Over (see Clock Block
Diagram and §4 Modes of Operation).
2.10 - Timeslot Control (TS)
When TS = 0 the data are assigned to the first
16 bits after falling edge of FS (7546 mode) other-
wise the data are bits 17 to 32.
The case M/S = 1 with TS = 1 is reserved for life-test
(transmit gain fixed to 0dB).
3 - CLOCK SIGNALS (2 pins)
Depending on MCM value, these pins have differ-
ent function.
3.1 - MCM = 1 (XTALIN, XTALOUT)
These pins must be tied to external crystal. For the
value of crystal see Functional Description Chapter
Part 3.
3.2 - MCM = 0 (MCLK, XTALOUT)
MCLK Pin must be connected to an external clock.
XTALOUT is not used.
PIN DESCRIPTION (continued)
STLC7550
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com