Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC7550
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC7550 Datasheet HTML 9Page - STMicroelectronics STLC7550 Datasheet HTML 10Page - STMicroelectronics STLC7550 Datasheet HTML 11Page - STMicroelectronics STLC7550 Datasheet HTML 12Page - STMicroelectronics STLC7550 Datasheet HTML 13Page - STMicroelectronics STLC7550 Datasheet HTML 14Page - STMicroelectronics STLC7550 Datasheet HTML 15Page - STMicroelectronics STLC7550 Datasheet HTML 16Page - STMicroelectronics STLC7550 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Transmit Characteristics
Performance of the Tx channel
Typical values are given for AVDD = 3V, Tamb = 25°C and for nominal master clock MCLK = 1.536MHz,
differential mode and oversampling ratio = 160. Measurement band = 100Hz to 0.425 x Sampling frequency.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Gabs
Absolute Gain at 1kHz
-0.5
0
0.5
dB
Ripple
Ripple in Band : 0 to 0.425 x FS
±0.2
dB
THD
Total Harmonic Distortion (differential Tx signal : VOUT = 1.25VPP, f = 1kHz)
-85
-92
dB
DR
Dynamic Range (f = 1kHz) (measured over the full 0 to FS/2 with a -20dBr
output signal and extrapolated to full scale) (see Note 2)
87
dB
CRxTx
Crosstalk (transmit channel to receive channel)
85
dB
Smoothing filter transfer characteristics
The cut-off frequency of the single pole switch-capacitor low-pass filter following the DAC is :
fc−3dB =
n
⋅ 32 ⋅ FS
2
⋅ π ⋅ 10
with n = 2, 3, 4, 5, 6 (see paragraph Functional Description 1.2).
Receive Characteristics
Performance of the Rx channel
Typical values are given for AVDD =3V, Tamb = 25°C and for nominal master clock MCLK = 1.536MHz,
differential mode and oversampling ratio = 160. Measurement band = 100Hz to 0.425 x Sampling Frequency.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Gabs
Absolute Gain at 1kHz
-0.5
0
0.5
dB
Ripple
Ripple in Band : 0 to 0.425 x FS
±0.2
dB
THD
Total Harmonic Distortion (differential Rx signal : VIN = 1.25VPP, f = 1kHz)
-92
dB
DR
Dynamic Range (f = 1kHz) (measured over the full 0 to FS/2 with a -20dBr
input and extrapolated to full scale) (see Note 2)
87
dB
PSRR
Power Supply Rejection Ratio (f = 1kHz, VAC = 200mVPP)50
dB
CTxRx
Crosstalk (transmit channel to receive channel)
85
dB
Note 2 : The dynamic range can be measured in bit with : Nbit
=
DR
1.76
6.02
with DR in dB.
ELECTRICAL SPECIFICATIONS (continued)
STLC7550
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com