Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3062F Datasheet (PDF) - Toshiba Semiconductor

TLP3062F Datasheet PDF - Toshiba Semiconductor
Part # TLP3062F
Download  TLP3062F Download
File Size   110.87 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Triac

TLP3062F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3062F Datasheet PDF - Toshiba Semiconductor

Part # TLP3062F
Download  TLP3062F Click to download

File Size   110.87 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Triac

TLP3062F Datasheet (HTML) - Toshiba Semiconductor


TLP3062F Product details

The TOSHIBA TLP3061F(S),TLP3062F(S)and TLP3063F(S) consist of a phote−triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP. All parameters are tested to the specification of TLP3061(S),TLP3062(S) and TLP3063(S).



• Peak off−state voltage: 600V(min)

• Trigger LED current: 15mA(max)(TLP3061F(S))

                             10mA(max)(TLP3062F(S))

                               5mA(max)(TLP3063F(S))

• On−state current: 100mA(max)

• UL recognized: UL1577,file no.E67349

• Isolation voltage: 5000Vrms(min)

• SEMKO approved: SS EN60065

                           SS EN60950

                           SS EN60335

• BSI approved: BS EN60065

                     BS EN60950

• Option (D4)type

 VDE approved: DIN VDE0884/06.92

                          Certificate no.68329

Maximum operating insulation voltage: 890VPK

Highest permissible over voltage: 8000VPK




Similar Part No. - TLP3062F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3062F TOSHIBA-TLP3062F Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3062FS TOSHIBA-TLP3062FS Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Similar Description - TLP3062F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com