Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB240L Datasheet (PDF) - Micro Commercial Components

SB240L Datasheet PDF - Micro Commercial Components
Part # SB240L
Download  SB240L Download
File Size   384.88 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Schottky Rectifier 20V-100V

SB240L Datasheet (PDF)

Go To PDF Page Download Datasheet
SB240L Datasheet PDF - Micro Commercial Components

Part # SB240L
Download  SB240L Click to download

File Size   384.88 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Schottky Rectifier 20V-100V

SB240L Datasheet (HTML) - Micro Commercial Components




Similar Part No. - SB240L

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SB240L CHONGQING-SB240L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB240L DYELEC-SB240L Datasheet
589Kb / 2P
2.0 AMP. L O W V F Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SB240L YIXIN-SB240L Datasheet
199Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB240L-CA2-R UTC-SB240L-CA2-R Datasheet
122Kb / 4P
2.0A SCHOTTKY BARRIER RECTIFIER
SB240L-CB2-R UTC-SB240L-CB2-R Datasheet
122Kb / 4P
2.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB240L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
SCHOTTKY RECTIFIER, 2 Amp
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
SeCoS Halbleitertechnol...
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SB220 MCC-SB220 Datasheet
227Kb / 3P
2 Amp Schottky Rectifier 20V-60V
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
Micro Commercial Compon...
MBRD1020CT MCC-MBRD1020CT Datasheet
168Kb / 3P
10 Amp Schottky Rectifier 20V-100V
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com