Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044I Datasheet (PDF) - Texas Instruments

TUSB1044I Datasheet PDF - Texas Instruments
Part # TUSB1044I
Download  TUSB1044I Download
File Size   2313.65 Kbytes
Page   67 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver

TUSB1044I Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1044I Datasheet PDF - Texas Instruments

Part # TUSB1044I
Download  TUSB1044I Click to download

File Size   2313.65 Kbytes
Page   67 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver

TUSB1044I Datasheet (HTML) - Texas Instruments




Similar Part No. - TUSB1044I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1044I TI1-TUSB1044I Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044IRNQR TI1-TUSB1044IRNQR Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044IRNQT TI1-TUSB1044IRNQT Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
More results


Similar Description - TUSB1044I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com