Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK611 Datasheet (PDF) - M.S. Kennedy Corporation

MSK611 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK611
Download  MSK611 Download
File Size   195.83 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER

MSK611 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK611 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK611
Download  MSK611 Click to download

File Size   195.83 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER

MSK611 Datasheet (HTML) - M.S. Kennedy Corporation


MSK611 Product details

DESCRIPTION:
The MSK 611 is a high voltage ultra high slew rate amplifier designed to provide large voltage swings in wideband systems. The true inverting op-amp topology employed in the MSK 611 provides excellent D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 611 achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier, however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater keeps the MSK 611 stable in this range. The MSK 611 is packaged in a space efficient, hermetically sealed, 12 pin power dual in line package that has a high thermal conductivity for efficient device cooling.

FEATURES:
• Low Quiescent Current - ±25mA for High Voltage Stage
• 110V Peak to Peak Output Voltage Swing
• Slew Rate - 5000V/µS @ 100Vpp
• Small Signal Rise Time - 6nS Typical
• Power Output Frequency - 7 MHz Typical
• Output Current - 150mA Peak
• Adjustable VHV Power Supply Minimizes Power Dissipation
• Compact Package Offers Superior Power Dissipation

TYPICAL APPLICATIONS
• Wideband High Voltage Amplifier
• High Resolution CRT Monitor
• Ultra High Performance Video Processing
• CRT Beam Intensity Control
• Varactor Tuned VCO Driver
• Automatic Test Equipment




Similar Part No. - MSK611

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
207Kb / 4P
Low Quiescent Current - 짹25mA for High Voltage Stage
MSK611 MSK-MSK611_15 Datasheet
207Kb / 4P
Low Quiescent Current - 짹25mA for High Voltage Stage
More results


Similar Description - MSK611

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
M.S. Kennedy Corporatio...
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com