Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25ZLH470M Datasheet (PDF) - Diodes Incorporated

25ZLH470M Datasheet PDF - Diodes Incorporated
Part # 25ZLH470M
Download  25ZLH470M Download
File Size   468.5 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER

25ZLH470M Datasheet (PDF)

Go To PDF Page Download Datasheet
25ZLH470M Datasheet PDF - Diodes Incorporated

Part # 25ZLH470M
Download  25ZLH470M Click to download

File Size   468.5 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER

25ZLH470M Datasheet (HTML) - Diodes Incorporated




Similar Part No. - 25ZLH470M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
25ZLH470M DIODES-25ZLH470M Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
RUBYCON CORPORATION
25ZLH470M10X125 RUBYCON-25ZLH470M10X125 Datasheet
59Kb / 4P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25ZLH470MEFC10X12.5 RUBYCON-25ZLH470MEFC10X12.5 Datasheet
270Kb / 3P
105??Miniaturized, Long Life, Low impedance.
25ZLH470MEFC8X16 RUBYCON-25ZLH470MEFC8X16 Datasheet
182Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - 25ZLH470M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
Rev 4
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
logo
Monolithic Power System...
MPQ4425M MPS-MPQ4425M Datasheet
1Mb / 21P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step-Down LED Driver AEC-Q100 Qualified
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
logo
Diodes Incorporated
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com