Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7013 Datasheet (PDF) - OSRAM GmbH

SFH7013 Datasheet PDF - OSRAM GmbH
Part # SFH7013
Download  SFH7013 Download
File Size   565.77 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)

SFH7013 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH7013 Datasheet PDF - OSRAM GmbH

Part # SFH7013
Download  SFH7013 Click to download

File Size   565.77 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)

SFH7013 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH7013

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7014C OSRAM-SFH7014C Datasheet
1Mb / 25P
Multi Chip LED
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
logo
OSRAM GmbH
SFH7018A OSRAM-SFH7018A Datasheet
1Mb / 23P
The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
Version 1.0 2023-11-09
More results


Similar Description - SFH7013

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
SFH-7013 OSRAM-SFH-7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com