Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7013 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7013
Description  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7013 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7013 Datasheet HTML 1Page - OSRAM GmbH SFH7013 Datasheet HTML 2Page - OSRAM GmbH SFH7013 Datasheet HTML 3Page - OSRAM GmbH SFH7013 Datasheet HTML 4Page - OSRAM GmbH SFH7013 Datasheet HTML 5Page - OSRAM GmbH SFH7013 Datasheet HTML 6Page - OSRAM GmbH SFH7013 Datasheet HTML 7Page - OSRAM GmbH SFH7013 Datasheet HTML 8Page - OSRAM GmbH SFH7013 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2016-11-11
2
Version 1.1
SFH 7013
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 85
°C
Reverse voltage
V
R
5
V
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2
kV
Emitter 1
Forward current
IF (DC)
40
mA
Surge current
(tp ≤ 100 µs, D = 0)
IFSM
0.6
A
Power consumption
P
tot
120
mW
Thermal resistance junction - ambient, mounted on
PC-board (FR4) 1) page 19
R
thJA
445
K / W
Emitter 2
Forward current
IF (DC)
30
mA
Surge current
(tp ≤ 100 µs, D = 0)
IFSM
0.75
A
Power consumption
Ptot
90
mW
Thermal resistance junction - ambient, mounted on
PC-board (FR4) 1) page 19
R
thJA
565
K / W
Emitter 3
Forward current
IF (DC)
60
mA
Surge current
(tp ≤ 200 µs, D = 0)
IFSM
1
A
Total power dissipation
Ptot
110
mW
Thermal resistance junction - ambient, mounted on
PC-board (FR4) 1) page 19
R
thJA
585
K / W
Note:
The stated maximum ratings refer to one chip, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com