Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7013 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SFH7013
Description  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7013 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SFH7013 Datasheet HTML 9Page - OSRAM GmbH SFH7013 Datasheet HTML 10Page - OSRAM GmbH SFH7013 Datasheet HTML 11Page - OSRAM GmbH SFH7013 Datasheet HTML 12Page - OSRAM GmbH SFH7013 Datasheet HTML 13Page - OSRAM GmbH SFH7013 Datasheet HTML 14Page - OSRAM GmbH SFH7013 Datasheet HTML 15Page - OSRAM GmbH SFH7013 Datasheet HTML 16Page - OSRAM GmbH SFH7013 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Version 1.1
SFH 7013
2016-11-11
13
Pinning
Pin
Description
1
Cathode Emitter 2 (530 nm)
2
Cathode Emitter 3 (940 nm)
3
Anode Emitter 1/2/3
4
Cathode Emitter 1 (655 nm)
Approximate Weight:
6 mg
Recommended Solder Pad
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com