Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7013 Datasheet (PDF) - OSRAM GmbH

SFH-7013 Datasheet PDF - OSRAM GmbH
Part # SFH-7013
Download  SFH-7013 Download
File Size   565.77 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)

SFH-7013 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH-7013 Datasheet PDF - OSRAM GmbH

Part # SFH-7013
Download  SFH-7013 Click to download

File Size   565.77 Kbytes
Page   20 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)

SFH-7013 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH-7013

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7050 OSRAM-SFH-7050 Datasheet
1Mb / 23P
BioMon Sensor
SFH-7051 OSRAM-SFH-7051 Datasheet
933Kb / 17P
BioMon Sensor
SFH-7060 OSRAM-SFH-7060 Datasheet
1Mb / 24P
BioMon Sensor
SFH-7070 OSRAM-SFH-7070 Datasheet
760Kb / 16P
Multi chip package featuring two green emitters and one detector
More results


Similar Description - SFH-7013

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH7013 OSRAM-SFH7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com