Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-7013 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-7013
Description  Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7013 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-7013 Datasheet HTML 1Page - OSRAM GmbH SFH-7013 Datasheet HTML 2Page - OSRAM GmbH SFH-7013 Datasheet HTML 3Page - OSRAM GmbH SFH-7013 Datasheet HTML 4Page - OSRAM GmbH SFH-7013 Datasheet HTML 5Page - OSRAM GmbH SFH-7013 Datasheet HTML 6Page - OSRAM GmbH SFH-7013 Datasheet HTML 7Page - OSRAM GmbH SFH-7013 Datasheet HTML 8Page - OSRAM GmbH SFH-7013 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2016-11-11
1
2016-11-11
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
Version 1.1
SFH 7013
Ordering Information
Features:
•
SMT package with red (655 nm), green (530 nm) and IR emitter (940 nm)
•
Suitable for SMT assembly
•
Available on tape and reel
•
Emitters can be controlled separately
•
Emitter 1 = red, Emitter 2 = green, Emitter 3 = IR
Applications
•
Biomonitoring
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Package:
Ordering Code
SFH 7013
SMT Multi CHIPLED
Q65112A1316


Similar Part No. - SFH-7013

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7050 OSRAM-SFH-7050 Datasheet
1Mb / 23P
BioMon Sensor
SFH-7051 OSRAM-SFH-7051 Datasheet
933Kb / 17P
BioMon Sensor
SFH-7060 OSRAM-SFH-7060 Datasheet
1Mb / 24P
BioMon Sensor
SFH-7070 OSRAM-SFH-7070 Datasheet
760Kb / 16P
Multi chip package featuring two green emitters and one detector
More results

Similar Description - SFH-7013

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH7013 OSRAM-SFH7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com