Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1609 Datasheet (PDF) - Anachip Corp

AP1609 Datasheet PDF - Anachip Corp
Part # AP1609
Download  AP1609 Download
File Size   181.74 Kbytes
Page   8 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description PWM/PFM Dual Mode Step-up DC/DC Converter

AP1609 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1609 Datasheet PDF - Anachip Corp

Part # AP1609
Download  AP1609 Click to download

File Size   181.74 Kbytes
Page   8 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description PWM/PFM Dual Mode Step-up DC/DC Converter

AP1609 Datasheet (HTML) - Anachip Corp


AP1609 Product details

General Descriptions
The AP1609 is high efficient step-up DC/DC converter. Large output current is possible having a built in internal N channel MOSFET, and using an external coil and diode.

Features
- Input Voltage Range: 2.5~6V
- Output Voltage Range: 3.0~17V(±2.5%)
- PWM/PFM Switching Control
- Oscillator Frequency: 300KHz(±20%)
- High Efficiency: 91%( Typ .)
- Stand-by Current: ISTB= 1µA.( Typ.)
- Built-in internal N-Channel MOS
- Pb-Free Package: SOP-8L/TSSOP-8L

Applications
- Electronic Information Organizers
- Palmtops
- Cellular and portable phones
- Portable Audio Systems
- Various Multi-function Power Supplies




Similar Part No. - AP1609

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1609S DIODES-AP1609S Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
More results


Similar Description - AP1609

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
PFM/PWM Step-Up DC/DC Converter
2003
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com