Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet (PDF) - Microchip Technology

TC115 Datasheet PDF - Microchip Technology
Part # TC115
Download  TC115 Download
File Size   355.53 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PFM/PWM Step-Up DC/DC Converter

TC115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC115 Datasheet PDF - Microchip Technology

Part # TC115
Download  TC115 Click to download

File Size   355.53 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PFM/PWM Step-Up DC/DC Converter

TC115 Datasheet (HTML) - Microchip Technology


TC115 Product details

General Description
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered systems. This device has a start-up voltage of 0.9V and a typical supply current of 80µA.
   
Features
• High Efficiency at Low Output Load Currents via PFM Mode
• Assured Start-up at 0.9V
• 80µA (Typ) Supply Current
• 85% Typical Efficiency at 100mA
• 140mA Typical Output Current @ VIN = 2.0V
• Low Power Shutdown Mode
• No External Switching Transistor Needed
• Space Saving SOT-89 Package
   
Applications
• Pagers
• Cellular Phones
• Palmtops
• 1-Cell to 3-Cell Battery Powered Systems
• Cameras, Video Recorders
• Local +3V to +5V Supplies
   




Similar Part No. - TC115

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC115301EMTTR MICROCHIP-TC115301EMTTR Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115331EMTTR MICROCHIP-TC115331EMTTR Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115501EMTTR MICROCHIP-TC115501EMTTR Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Panasonic Semiconductor
TC115A-F PANASONIC-TC115A-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
TC115D-F PANASONIC-TC115D-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
More results


Similar Description - TC115

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
PWM/PFM Dual Mode Step-up DC/DC Converter
Rev.1.2 Mar.25, 2005
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Diodes Incorporated
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com