Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 4 Page - Microchip Technology

  TC115 Datasheet HTML 1Page - Microchip Technology TC115 Datasheet HTML 2Page - Microchip Technology TC115 Datasheet HTML 3Page - Microchip Technology TC115 Datasheet HTML 4Page - Microchip Technology TC115 Datasheet HTML 5Page - Microchip Technology TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC115
DS21361C-page 4
 2003 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Power and Voltage Sense Input
(PS)
PS is a dual function input that provides both feedback
voltage sensing and internal chip power. It should be
connected to the regulator output (See Section 5.0,
“Applications”).
3.2
Shutdown Input (SHDN)
A logic-low on SHDN suspends device operation and
supply current is reduced to less than 0.5 µA. The
device resumes normal operation when SHDN is again
brought high.
3.3
Inductor Switch Output (LX)
LX is the drain of an internal N-channel switching tran-
sistor. This terminal drives the external inductor, which
ultimately provides current to the load.
3.4
Ground Terminal (GND)
Connect to circuit ground.
3.5
No Connect (NC)
No internal connection.
Pin No.
Symbol
Description
1
NC
Not connected
2
PS
Power and voltage sense input
3SHDN
Shutdown input
4
LX
Inductor switch output
5
GND
Ground terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com