Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology TC115 Datasheet HTML 10Page - Microchip Technology TC115 Datasheet HTML 11Page - Microchip Technology TC115 Datasheet HTML 12Page - Microchip Technology TC115 Datasheet HTML 13Page - Microchip Technology TC115 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TC115
DS21361C-page 10
 2003 Microchip Technology Inc.
5-Lead Plastic Small Outline Transistor Header (MT) (SOT-89)
0.53
0.41
.021
.016
B
Lead 2 Width
0.44
0.37
.017
.015
c
Lead Thickness
1.80
1.40
.071
.055
D1
Tab Width
4.60
4.40
.181
.173
D
Overall Length
4.50
.177
H
Overall Width
1.60
1.40
.063
.055
A
Overall Height
3.00 BSC
.118 BSC
p1
Outside lead pitch (basic)
1.50 BSC
.059 BSC
p
Pitch
MAX
MIN
MAX
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
exceed .005" (0.127mm) per side.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not
Notes:
Drawing No. C04-030
*Controlling Parameter
Foot Length
L
.031
0.80
Leads 1,3, 4 & 5 Width
B1
.014
.019
0.36
0.48
Molded Package Width
E
.090
.102
2.29
2.60
--
-
-
Tab Lead Width
B2
.013
.019
0.32
0.48
D1
H
L
B1
B
B1
p
p1
E
C
A
1
2
2
3
L
B1
B1
4
5
B2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com