Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC115 Datasheet HTML 3Page - Microchip Technology TC115 Datasheet HTML 4Page - Microchip Technology TC115 Datasheet HTML 5Page - Microchip Technology TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology TC115 Datasheet HTML 10Page - Microchip Technology TC115 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2003 Microchip Technology Inc.
DS21361C-page 7
TC115
Rewriting in terms of input and output currents and volt-
ages:
EQUATION 5-5:
Solving for input current:
EQUATION 5-6:
The sawtooth current is centered on the DC current
level, swinging equally above and below the DC current
calculated in Equation 5-6. The peak inductor current is
the sum of the DC current plus half the ac current. Note
that minimum input voltage should be used when
calculating the ac inductor current (Equation 5-9).
EQUATION 5-7:
EQUATION 5-8:
EQUATION 5-9:
Combining the DC current calculated in Equation 5-6,
with half the peak ac current calculated in Equation 5-9,
the peak inductor current is given by:
EQUATION 5-10:
5.3
Internal Transistor Switch
The LX pin has a typical ON resistance of 1.4
Ω.
Therefore, peak switch current is given by (VIN/1.4).
The internal transistor switch has a maximum design
rating of 350 mA. An oscillator frequency doubling cir-
cuit is an included guard against high switching cur-
rents. Should the voltage on the LX pin rise above 1.3V
(max) while the internal N-channel switch is ON, the
oscillator frequency automatically doubles to minimize
ON time. Although reduced, switch current still flows
because the PWM remains in operation. Therefore, the
LX input is not internally current-limited and care must
be taken never to exceed the 350 mA maximum limit.
Failure to observe this will result in damage to the
regulator.
5.4
Output Capacitor
The effective series resistance of the output capacitor
directly affects the amplitude of the output voltage
ripple (The product of the peak inductor current and the
ESR determines output ripple amplitude). Therefore, a
capacitor with the lowest possible ESR should be
selected. Smaller capacitors are acceptable for light
loads (or in applications where ripple is not a concern).
The Sprague® 595D series of tantalum capacitors are
among the smallest of all low ESR surface mount
capacitors
available.
Table 5-1
lists
suggested
components and suppliers.
5.5
Board Layout Guidelines
As with all inductive switching regulators, the TC115
generates fast switching waveforms which radiate
noise. Interconnecting lead lengths should be
minimized to keep stray capacitance, trace resistance
and radiated noise as low as possible. In addition, the
GND pin, input bypass capacitor and output filter
capacitor ground leads should be connected to a single
point.
TABLE 5-1:
SUGGESTED COMPONENTS AND SUPPLIERS
VIN
MIN
() IIN
MAX
()
VOUT
MAX
() IOUT
MA X
()
Efficiency
---------------------------------------------------
=
IIN
MA X
VOUT
MAX
() IOUT
MAX
()
Efficiency
() VIN
MIN
()
----------------------------------------------------
=
VL
Ldi dt
⁄
()
=
di
VL di dt
⁄
()
=
di
VIN
MIN
VSW
–
()tON
L
----------------------------------------------
=
Where:
VSW = The voltage drop across the internal
N-channel MOSFET.
IPK
IIN
MA X
0.5 di
()
+
=
Type
Inductors
Capacitors
Diodes
Surface Mount
Sumida®
CD54 Series
CDR125 Series
Coiltronics™
CTX Series
Matsuo®
267 Series
Sprague®
595D Series
Nichicon™
F93 Series
Nihon
EC10 Series
Matsushita™
MA735 Series
Through-Hole
Sumida®
RCH855 Series
RCH110 Series
Renco®
RL1284-12
Sanyo™
OS-CON Series
Nichicon™
PL Series
ON Semiconductor®
1N5817 - 1N5822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com