Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 5 Page - Microchip Technology

  TC115 Datasheet HTML 1Page - Microchip Technology TC115 Datasheet HTML 2Page - Microchip Technology TC115 Datasheet HTML 3Page - Microchip Technology TC115 Datasheet HTML 4Page - Microchip Technology TC115 Datasheet HTML 5Page - Microchip Technology TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2003 Microchip Technology Inc.
DS21361C-page 5
TC115
4.0
DETAILED DESCRIPTION
The TC115 is a combination PFM/PWM step-up
(boost) regulator. It is particularly useful in battery-pow-
ered 1, 2 and 3 cell applications where the required out-
put current is 140 mA or less, and size/cost issues are
a concern. The device operates in PWM mode when
the output load is sufficient to demand a 10% (or
greater) duty cycle. While in PWM mode, the TC115
behaves as any other PWM switching regulator to a
maximum duty cycle of 92%. At low output loads (i.e.,
output loads requiring < 10% duty cycle to support), the
TC115 automatically switches to pulse frequency mod-
ulation (PFM) operating mode with a fixed duty cycle of
25% (max) (17%, typical). While in PFM mode, the
inductor is modulated with individual fixed width pulses
only as needed to maintain output voltage. This action
reduces supply current, thereby improving power
efficiency at low output loads.
4.1
Input Power and Sensing
The TC115 is powered from the PS input, which must
be connected to the regulated output, as shown in
Figure 5-1. PS also senses output voltage for closed-
loop regulation. Start-up current is furnished through
the inductor when input voltage is initially applied. This
action starts the oscillator, causing the voltage at the
PS input to rise, bootstrapping the regulator into full
operation.
4.2
Output Diode
For best results, use a Schottky diode, such as the
MA735, 1N5817, EC10 or equivalent. Connect the
diode between the PS and LX pins as close to the IC as
possible. While ultra fast diodes can be used, lower effi-
ciency will result due to their higher forward voltage
drop. Ordinary rectifiers should be avoided because of
their slow recovery characteristics.
4.3
Low Power Shutdown Mode
The TC115 enters a low power shutdown mode when
SHDN is brought low. While in shutdown, the oscillator
is disabled and the internal switch is shut off. Normal
regulator operation resumes when SHDN is brought
high. SHDN may be tied to the input supply if not used.
4.4
Behavior When VIN is Greater
Than the Factory-Programmed
VOUT Setting
The TC115 is designed to operate as a step-up
regulator only. As such, VIN is assumed to always be
less than the factory-programmed VOUT setting (VR).
Operating the TC115 with VIN > VR causes regulating
action to be suspended (and corresponding supply
current reduction to 9 µA, typical) until VIN is again less
than VR. While regulating action is suspended, VIN is
connected to VOUT through the series combination of
the inductor and Schottky diode. Care must be taken to
add the appropriate isolation (MOSFET output switch
or post LDO with shutdown) during system design if
this VIN/VOUT leakage path is problematic.
Note:
Because the TC115 uses an external
diode, a leakage path between the input
voltage and the output node (through the
inductor and diode) exists while the regu-
lator is in shutdown. Care must be taken in
system design to assure the input supply
is isolated from the load during shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com