Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 3 Page - Microchip Technology

  TC115 Datasheet HTML 1Page - Microchip Technology TC115 Datasheet HTML 2Page - Microchip Technology TC115 Datasheet HTML 3Page - Microchip Technology TC115 Datasheet HTML 4Page - Microchip Technology TC115 Datasheet HTML 5Page - Microchip Technology TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2003 Microchip Technology Inc.
DS21361C-page 3
TC115
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VOUT = 5V, TA = +25°C.
FIGURE 2-1:
Output Voltage vs. Output
Current.
FIGURE 2-2:
No Load Input Current vs.
Input Voltage.
FIGURE 2-3:
Efficiency vs. Output
Current.
FIGURE 2-4:
Ripple Voltage vs. Output
Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
OUTPUT CURRENT IOUT (mA)
0
40
80
120
160
200
3.1
2.9
2.7
2.5
1.5V
VIN = 1.0V
L
1 = 100
µH
C2 = 47
µF (Tantalum)
2.0V
1.0
1.2
1.4
1.6
1.8
2.0
INPUT VOLTAGE VIN (V)
200
150
100
50
0
L
1 = 100
µH
C2 = 47
µF (Tantalum)
OUTPUT CURRENT IOUT (mA)
0
40
80
120
160
200
100
80
60
40
20
0
VIN = 1.0V
1.5V
2.0V
L
1 = 100
µH
C2 = 47
µF (Tantalum)
OUTPUT CURRENT IOUT (mA)
0
40
80
120
160
200
100
80
60
40
10
0
L
1 = 100
µH
C2 = 47
µF (Tantalum)
2.0V
1.5V
VIN = 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com