Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC115 Datasheet HTML 2Page - Microchip Technology TC115 Datasheet HTML 3Page - Microchip Technology TC115 Datasheet HTML 4Page - Microchip Technology TC115 Datasheet HTML 5Page - Microchip Technology TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology TC115 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC115
DS21361C-page 6
 2003 Microchip Technology Inc.
5.0
APPLICATIONS
5.1
Input Bypass Capacitors
Using an input bypass capacitor reduces peak current
transients drawn from the input supply and reduces the
switching noise generated by the regulator. The source
impedance of the input supply determines the size of
the capacitor that should be used.
FIGURE 5-1:
TC115 Typical Application.
5.2
Inductor Selection
Selecting the proper inductor value is a trade-off
between physical size and power conversion require-
ments. Lower value inductors cost less, but result in
higher ripple current and core losses. They are also
more prone to saturate since the coil current ramps to
a higher value. Larger inductor values reduce both
ripple current and core losses, but are larger in physical
size and tend to increase the start-up time slightly.
Practical inductor values, therefore, range from 50 µH
to 300 µH. Inductors with a ferrite core (or equivalent)
are recommended. For highest efficiency, use an
inductor with a series resistance less than 0.1
Ω).
The inductor value directly affects the output ripple
voltage. Equation 5-3 is derived as shown below, and
can be used to calculate an inductor value, given the
required output ripple voltage (VRIPPLE) and output
capacitor series resistance:
EQUATION 5-1:
Expressing di in terms of switch ON resistance and
time:
EQUATION 5-2:
Solving for L:
EQUATION 5-3:
Care must be taken to ensure the inductor can handle
peak switching currents, which can be several times
load currents. Exceeding rated peak current will result
in core saturation and loss of inductance. The inductor
should be selected to withstand currents greater than
IPK (Equation 5-10) without saturating.
Calculating the peak inductor current is straightfor-
ward. Inductor current consists of an AC (sawtooth)
current centered on an average DC current (i.e., input
current). Equation 5-6 calculates the average DC cur-
rent. Note that minimum input voltage and maximum
load current values should be used:
EQUATION 5-4:
C1
L1
5
4
TC115
1
3
2
SHDN
PS
NC
C2
D1
GND
LX
VOUT
VIN
OFF ON
(Tie to VIN or VOUT
if not used)
+
+
Where:
ESR: the equivalent series resistance of the
output filter capacitor; VRIPPLE is in
volts.
di: represents the peak to peak ripple
current in the inductor.
VRIPPLE ESR di
()
≈
VRIPPLE
VIN VSW
–
()tON
[]
L
--------------------------------------------
≈
Where:
VSW = voltage drop across the switch.
TON = the amount of time the switch is ON.
L
VIN VSW
–
()tON
[]
VRIPPLE
--------------------------------------------
≈
Input Power
Output Power
Efficiency
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com