Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 1 Page - Microchip Technology

  TC115 Datasheet HTML 1Page - Microchip Technology TC115 Datasheet HTML 2Page - Microchip Technology TC115 Datasheet HTML 3Page - Microchip Technology TC115 Datasheet HTML 4Page - Microchip Technology TC115 Datasheet HTML 5Page - Microchip Technology TC115 Datasheet HTML 6Page - Microchip Technology TC115 Datasheet HTML 7Page - Microchip Technology TC115 Datasheet HTML 8Page - Microchip Technology TC115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2003 Microchip Technology Inc.
DS21361C-page 1
M
TC115
Features
• High Efficiency at Low Output Load Currents via
PFM Mode
• Assured Start-up at 0.9V
• 80 µA (Typ) Supply Current
• 85% Typical Efficiency at 100 mA
• 140 mA Typical Output Current @ VIN = 2.0V
• Low Power Shutdown Mode
• No External Switching Transistor Needed
• Space-Saving SOT-89 Package
Applications
• Pagers
• Cellular Phones
• Palmtops
• 1-Cell to 3-Cell Battery Powered Systems
• Cameras, Video Recorders
• Local +3V to +5V Supplies
Package Type
General Description
The TC115 is a high-efficiency step-up DC/DC
converter for small, low input voltage or battery-
powered systems. This device has a start-up voltage
of 0.9V and a typical supply current of 80 µA. Phase
compensation and soft-start circuitry are included on-
chip. Unlike conventional PWM step-up converters,
the TC115 automatically shifts to pulse frequency
modulation (PFM) at low loads, resulting in reduced
supply current and improved efficiency.
The TC115 requires only an external diode, an inductor
and a capacitor, while supporting typical output cur-
rents of 140 mA. Supply current is reduced to less than
0.5 µA (max) when SHDN input is brought low.
Small size, low installed cost and low supply current
make the TC115 step-up converter ideal for use in a
wide range of battery-powered systems.
Functional Block Diagram
5
4
TC115
1
3
2
GND
LX
NC
PS
SHDN
SOT-89-5
PS
1.5V
C1
10 µF
L1
100 µH
Sumida® CD-54
1.5V to +3V, 50 mA Supply
5
4
TC115
1
3
2
SHDN
PS
NC
C2
47 µF
Tantalum
IN5817
D1
GND
LX
+3V
OUT
+
+
+
PS
PFM/PWM Step-Up DC/DC Converter


Similar Part No. - TC115

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC115301EMTTR MICROCHIP-TC115301EMTTR Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115331EMTTR MICROCHIP-TC115331EMTTR Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115501EMTTR MICROCHIP-TC115501EMTTR Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Panasonic Semiconductor
TC115A-F PANASONIC-TC115A-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
TC115D-F PANASONIC-TC115D-F Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
More results

Similar Description - TC115

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
PWM/PFM Dual Mode Step-up DC/DC Converter
Rev.1.2 Mar.25, 2005
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Diodes Incorporated
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com