Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1609 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1609
Description  PWM/PFM Dual Mode Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1609 Datasheet(HTML) 1 Page - Anachip Corp

  AP1609 Datasheet HTML 1Page - Anachip Corp AP1609 Datasheet HTML 2Page - Anachip Corp AP1609 Datasheet HTML 3Page - Anachip Corp AP1609 Datasheet HTML 4Page - Anachip Corp AP1609 Datasheet HTML 5Page - Anachip Corp AP1609 Datasheet HTML 6Page - Anachip Corp AP1609 Datasheet HTML 7Page - Anachip Corp AP1609 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1609
PWM/PFM Dual Mode Step-up DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.2 Mar.25, 2005
1/8
Features
- Input Voltage Range: 2.5~6V
- Output Voltage Range: 3.0~17V(±2.5%)
- PWM/PFM Switching Control
- Oscillator Frequency: 300KHz(±20%)
- High Efficiency: 91%(Typ .)
- Stand-by Current: ISTB=1µA.(Typ.)
- Built-in internal N-Channel MOS
- Pb-Free Package: SOP-8L/TSSOP-8L
Applications
- Electronic Information Organizers
- Palmtops
- Cellular and portable phones
- Portable Audio Systems
- Various Multi-function Power Supplies
General Descriptions
The AP1609 is high efficient step-up DC/DC
converter. Large output current is possible having
a built in internal N channel MOSFET, and using an
external coil and diode.
Output voltage is programmable with 1.23V of
standard voltage supply internal, and using
externally connected components, output voltage
(
FB) can be set up at will.
With a 300KHz switching frequency, the size of the
external components can be reduced. Control
switches from PFM to PWM during light loads with
the AP1609(PWM/PFM switchable)and the series
is highly efficient from light loads to large output
currents.
During stand-by time (CE pin “Low”), current
consumption is reduced to 1µA.
Pin Assignment
1
2
3
4
8
7
6
5
CE
LX
FB
AP1609
LX
GND
GND
PGND
Vcc
SOP-8L
1
3
2
4
8
6
7
5
GND
Vcc
Vcc
CE
LX
PGND
PGND
FB
AP1609
TSSOP-8L
Pin Descriptions
Pin No.
Pin
Name SOP TSSOP
Description
FB
3
5
Feedback pin
CE
1
4
Chip Enable:
H: Enable
L: Disable
Vcc
2
2、3
IC signal power supply pin
PGND
4
6、7
Power MOSFET GND
LX
5、68
Switch
Pin.
Connect
external
inductor/diode
here. Minimize trace area
at this pin to reduce EMI.
GND 7、8
1
GND Pin


Similar Part No. - AP1609

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1609S DIODES-AP1609S Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
More results

Similar Description - AP1609

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
PFM/PWM Step-Up DC/DC Converter
2003
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com