Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330 Datasheet (PDF) - Integrated Circuit Systems

ICS84330 Datasheet PDF - Integrated Circuit Systems
Part # ICS84330
Download  ICS84330 Download
File Size   368.05 Kbytes
Page   19 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

ICS84330 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84330 Datasheet PDF - Integrated Circuit Systems

Part # ICS84330
Download  ICS84330 Click to download

File Size   368.05 Kbytes
Page   19 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

ICS84330 Datasheet (HTML) - Integrated Circuit Systems


ICS84330 Product details

GENERAL DESCRIPTION
The ICS84330 is a general purpose, single output high frequency synthesizer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The VCO operates at a frequency range of 250MHz to 700MHz. The VCO and output frequency can be programmed using the serial or parallel interfaces to the configuration logic. The output can be configured to divide the VCO frequency by 1, 2, 4, and 8. Output frequency steps from 250KHz to 2MHz can be achieved using a 16MHz crystal depending on the output divider setting.

FEATURES
• Fully integrated PLL, no external loop filter requirements
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface: 10MHz to 25MHz
• Output frequency range: 25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming M and N dividers during power-up
• RMS Period jitter: 5ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Pin compatible with the MC12430
• Lead-Free/Annealed package available
• Industrial temperature information available upon request




Similar Part No. - ICS84330

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843301I-108 IDT-ICS843301I-108 Datasheet
284Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL 75MHZ FREQUENCY SYNTHESIZER W/SSC
logo
Integrated Circuit Syst...
ICS84330A03L ICST-ICS84330A03L Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Similar Description - ICS84330

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com