Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS84330
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84330 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS84330 Datasheet HTML 1Page - Integrated Circuit Systems ICS84330 Datasheet HTML 2Page - Integrated Circuit Systems ICS84330 Datasheet HTML 3Page - Integrated Circuit Systems ICS84330 Datasheet HTML 4Page - Integrated Circuit Systems ICS84330 Datasheet HTML 5Page - Integrated Circuit Systems ICS84330 Datasheet HTML 6Page - Integrated Circuit Systems ICS84330 Datasheet HTML 7Page - Integrated Circuit Systems ICS84330 Datasheet HTML 8Page - Integrated Circuit Systems ICS84330 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
84330BV
www.icst.com/products/hiperclocks.html
REV. B JULY 26, 2004
2
Integrated
Circuit
Systems, Inc.
ICS84330
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
latched and the M divider remains loaded until the next LOW
transition on nP_LOAD or until a serial event occurs. The TEST
output is Mode 000 (shift register out) when operating in the
parallel input mode.The relationship between the VCO frequency,
the crystal frequency and the M divider is defined as follows:
The M value and the required values of M0 through M8 are
shown in Table 3B, Programmable VCO Frequency Function
Table. Valid M values for which the PLL will achieve lock are
defined as 125
≤ M ≤ 350. The frequency out is defined as
follows:
Serial operation occurs when nP_LOAD is HIGH and S_LOAD
is LOW. The shift register is loaded by sampling the S_DATA
bits with the rising edge of S_CLOCK. The contents of the
shift register are loaded into the M divider when S_LOAD tran-
sitions from LOW-to-HIGH. The M divide and N output divide
values are latched on the HIGH-to-LOW transition of S_LOAD.
If S_LOAD is held HIGH, data at the S_DATA input is passed
directly to the M divider on each rising edge of S_CLOCK.
The serial mode can be used to program the M and N bits and
test bits T2:T0. The internal registers T2:T0 determine the state
of the TEST output as follows:
FUNCTIONAL DESCRIPTION
NOTE: The functional description that follows describes op-
eration using a 16MHz crystal. Valid PLL loop divider values
for different crystal or input frequencies are defined in the In-
put Frequency Characteristics, Table 6, NOTE 1.
The ICS84330 features a fully integrated PLL and therefore
requires no external components for setting the loop band-
width. A quartz crystal is used as the input to the on-chip
oscillator. The output of the oscillator is divided by 16 prior to
the phase detector. With a 16MHz crystal this provides a 1MHz
reference frequency. The VCO of the PLL operates over a
range of 250MHz to 700MHz. The output of the M divider is
also applied to the phase detector.
The phase detector and the M divider force the VCO output fre-
quency to be 2M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too
high or too low), the PLL will not achieve lock. The output of the
VCO is scaled by a divider prior to being sent to each of the
LVPECL output buffers. The divider provides a 50% output duty
cycle.
The programmable features of the ICS84330 support two input
modes to program the M divider and N output divider. The two
input operational modes are parallel and serial.
Figure 1 shows
the timing diagram for each mode. In parallel mode the nP_LOAD
input is LOW.The data on inputs M0 through M8 and N0 through
N1 is passed directly to the M divider and N output divider. On
the LOW-to-HIGH transition of the nP_LOAD input, the data is
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
16
2M
fVCO =
fxtal x
N
fout =
fVCO
=
16
2M
fxtal x
N
Time
SERIAL LOADING
PARALLEL LOADING
M, N
t
S
t
H
t
S
t
H
t
S
T2
T1
T0
TEST Output
0
0
0
Shift Register Out
0
0
1
High
0
1
0
PLL Reference Xtal ÷ 16
0
1
1
(VCO ÷ M) /2 (non 50% Duty Cycle M divider)
1
0
0
fOUT
LVCMOS Output Frequency < 200MHz
1
0
1
Low
1
1
0
(S_CLOCK ÷ M) /2 (non 50% Duty Cycle M divider)
1
1
1
fOUT ÷ 4
fOUT
fOUT
fOUT
fOUT
fOUT
fOUT
fOUT
S_CLOCK ÷ N divider
fOUT
T2
T1
T0
N 1
N 0
M8
M7
M6
M5
M4
M3
M2
M1
M0
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
M0:M8, N0:N1
nP_LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com