Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84330
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84330 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84330 Datasheet HTML 1Page - Integrated Circuit Systems ICS84330 Datasheet HTML 2Page - Integrated Circuit Systems ICS84330 Datasheet HTML 3Page - Integrated Circuit Systems ICS84330 Datasheet HTML 4Page - Integrated Circuit Systems ICS84330 Datasheet HTML 5Page - Integrated Circuit Systems ICS84330 Datasheet HTML 6Page - Integrated Circuit Systems ICS84330 Datasheet HTML 7Page - Integrated Circuit Systems ICS84330 Datasheet HTML 8Page - Integrated Circuit Systems ICS84330 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
84330BV
www.icst.com/products/hiperclocks.html
REV. B JULY 26, 2004
1
Integrated
Circuit
Systems, Inc.
ICS84330
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS84330 is a general purpose, single output
high frequency synthesizer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from ICS. The VCO operates at a fre-
quency range of 250MHz to 700MHz.The VCO and
output frequency can be programmed using the serial or parallel
interfaces to the configuration logic. The output can be config-
ured to divide the VCO frequency by 1, 2, 4, and 8. Output fre-
quency steps from 250KHz to 2MHz can be achieved using a
16MHz crystal depending on the output divider setting.
FEATURES
• Fully integrated PLL, no external loop filter requirements
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface: 10MHz to 25MHz
• Output frequency range: 25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming M and N dividers
during power-up
• RMS Period jitter: 5ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Pin compatible with the MC12430
• Lead-Free/Annealed package available
• Industrial temperature information available upon request
HiPerClockS™
ICS
PIN ASSIGNMENT
BLOCK DIAGRAM
ICS84330
28-Lead PLCC
V Package
11.6mm x 11.4mm x 4.1mm
body package
Top View
25 24 23 22 21 20 19
5
6
7
8
9 10 11
26
27
28
1
2
3
4
18
17
16
15
14
13
12
S_CLOCK
S_DATA
S_LOAD
VCCA
FREF_EXT
XTAL_SEL
XTAL1
N1
N0
M8
M7
M6
M5
M4
OSC
XTAL1
XTAL2
FREF_EXT
XTAL_SEL
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
÷ 16
PHASE DETECTOR
÷2
÷4
÷8
÷1
1
0
OE
1
0
÷ 2
FOUT
nFOUT
ICS84330
32-Lead LQFP
Y package
7mm x 7mm x 1.4mm
body package
Top View
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
n/c
N1
N0
M8
M7
M6
M5
M4
S_CLOCK
S_DATA
S_LOAD
VCCA
VCCA
FREF_EXT
XTAL_SEL
XTAL1


Similar Part No. - ICS84330

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843301I-108 IDT-ICS843301I-108 Datasheet
284Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL 75MHZ FREQUENCY SYNTHESIZER W/SSC
logo
Integrated Circuit Syst...
ICS84330A03L ICST-ICS84330A03L Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS84330

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com