Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA4880 Datasheet (PDF) - Anpec Electronics Coropration

APA4880 Datasheet PDF - Anpec Electronics Coropration
Part # APA4880
Download  APA4880 Download
File Size   154.69 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE

APA4880 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA4880 Datasheet PDF - Anpec Electronics Coropration

Part # APA4880
Download  APA4880 Click to download

File Size   154.69 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE

APA4880 Datasheet (HTML) - Anpec Electronics Coropration


APA4880 Product details

General Description
The APA4880 is an integrated class AB stereo headphone amplifier contained in an SO-8 or a DIP-8 plastic package. The APA4880 is capable of delivering 330mW of max. output power to an 8Ω load with less than 10% (THD+N) from a 5V power supply. The device has been primarily developed for portable digital audio applications. Both of the depop circuitry and mute circuitry are integrated in the APA4880 , that reduces pops and clicks noise during power up and when using the mute mode(high active).

Features
• Operating Voltage Single Supply 3V to 7V Dual Supply ±1.5V to ± 3.5V
• Depop Circuitry Integrated.
• High Signal-to-Noise Ratio 100dB
• High Slew Rate 5.5V/ms
• Low Distortion -66dB
• Output Power at 10% THD+N into 8Ω 330mW into 16Ω 200mW
• Large Output Voltage Swing
• Excellent Power Supply Ripple Rejection
• Low Power Consumption
• Short-circuit Elimination
• Wide Temperature Range
• No Switch ON/OFF Clicks
• Available in 8 pin SOP,TSSOP or PDIP Package

Applications
• Portable Digital Audio
• Personal Computers
• Microphone Preamplifier
• CD ROM Player
• Headphone Amplifier




Similar Part No. - APA4880

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
More results


Similar Description - APA4880

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
Class AB Stereo Headphone Driver with Mute
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
Stereo 280mW 8 OHM Speaker Driver with Mute
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
Stereo Headphone Driver with Mute
February 3, 2005
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com