Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA4801 Datasheet (PDF) - Anpec Electronics Coropration

APA4801 Datasheet PDF - Anpec Electronics Coropration
Part # APA4801
Download  APA4801 Download
File Size   132.06 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 280mW 8 OHM Speaker Driver with Mute

APA4801 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA4801 Datasheet PDF - Anpec Electronics Coropration

Part # APA4801
Download  APA4801 Click to download

File Size   132.06 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 280mW 8 OHM Speaker Driver with Mute

APA4801 Datasheet (HTML) - Anpec Electronics Coropration


APA4801 Product details

General Description
The APA4801 is an integrated class AB stereo headphone amplifier contained in an SO-8 or a DIP-8 plastic package with Mute feature . Besides the common Mute feature , the APA4801 further integrates a voltage divider inside the chip . Thus , the external resistors can be eliminated . The device has been primarily developed for portable digital audio applications .

Features
• Operating Voltage
    Single Supply 3V to 7V
    Dual Supply ±1.5V to ± 3.5V
• High Signal-to-Noise Ratio 100dB
• High Slew Rate 5V/ µs
• Low Distortion -65dB
• Output Power at 10% THD+N
    into 8Ω 280mW
    into 16Ω 160mW
• Large Output Voltage Swing
• Excellent Power Supply Ripple Rejection
• Flexible Mute Function
• Integrated Voltage Divider (VDD/2) to Eliminate External Resistors
• Low Power Consumption
• Short-circuit Elimination
• Wide Temperature Range
• No Switch ON/OFF Clicks
• Available in 8 pin SOP or DIP Package

Applications
• Portable Digital Audio
• Personal Computers
• Microphone Preamplifier




Similar Part No. - APA4801

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
Stereo 290mW 8ohm Speaker Driver
More results


Similar Description - APA4801

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
Class AB Stereo Headphone Driver with Mute
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
logo
Anpec Electronics Corop...
APA4880 ANPEC-APA4880 Datasheet
154Kb / 16P
STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
Stereo Headphone Driver with Mute
February 3, 2005
logo
Wolfson Microelectronic...
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Wolfson Microelectronic...
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
logo
Unisonic Technologies
3541 UTC-3541_15 Datasheet
231Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com